| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC18F23K22 bảng dữ liệu(PDF) 18 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F23K22 bảng dữ liệu(HTML) 18 Page - Microchip Technology |
|
18 / 42 page ![]() PIC18(L)F2XK22/4XK22 DS41398B-page 18 Advance Information 2010 Microchip Technology Inc. FIGURE 3-4: PROGRAM CODE MEMORY FLOW FIGURE 3-5: TABLE WRITE AND START PROGRAMMING INSTRUCTION TIMING DIAGRAM (1111) Start Write Sequence All locations done? No Done Start Yes Hold PGC Low for Time P10 Load 2 Bytes to Write Buffer at <Addr> All bytes written? No Yes and Hold PGC High until Done N = 1 LoopCount = 0 Configure Device for Writes N = 1 LoopCount = LoopCount + 1 N = N + 1 and Wait P9 12 3 4 1 2 15 16 12 3 4 PGC P5A PGD PGD = Input n 11 1 1 34 6 5 P9(1) P10 Programming Time nn n nn n n 00 12 0 00 16-bit Data Payload 0 3 0 P5 4-bit Command 16-bit Data Payload 4-bit Command Note 1: Use P9A for User ID and Configuration Word programming. |