công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F87X bảng dữ liệu(PDF) 46 Page - Microchip Technology

tên linh kiện PIC16F87X
Giải thích chi tiết về linh kiện  28/40-Pin 8-Bit CMOS FLASH Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F87X bảng dữ liệu(HTML) 46 Page - Microchip Technology

Back Button PIC16F87X Datasheet HTML 42Page - Microchip Technology PIC16F87X Datasheet HTML 43Page - Microchip Technology PIC16F87X Datasheet HTML 44Page - Microchip Technology PIC16F87X Datasheet HTML 45Page - Microchip Technology PIC16F87X Datasheet HTML 46Page - Microchip Technology PIC16F87X Datasheet HTML 47Page - Microchip Technology PIC16F87X Datasheet HTML 48Page - Microchip Technology PIC16F87X Datasheet HTML 49Page - Microchip Technology PIC16F87X Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 218 page
background image
PIC16F87X
DS30292D-page 46
 1998-2013 Microchip Technology Inc.
4.9
FLASH Program Memory Write
Protection
The configuration word contains a bit that write protects
the FLASH program memory, called WRT. This bit can
only be accessed when programming the PIC16F87X
device via ICSP. Once write protection is enabled, only
an erase of the entire device will disable it. When
enabled, write protection prevents any writes to FLASH
program memory. Write protection does not affect pro-
gram memory reads.
TABLE 4-1:
READ/WRITE STATE OF INTERNAL FLASH PROGRAM MEMORY
TABLE 4-2:
REGISTERS ASSOCIATED WITH DATA EEPROM/PROGRAM FLASH
Configuration Bits
Memory Location
Internal
Read
Internal
Write
ICSP Read
ICSP Write
CP1
CP0
WRT
00
x
All program memory
Yes
No
No
No
01
0
Unprotected areas
Yes
No
Yes
No
01
0
Protected areas
Yes
No
No
No
01
1
Unprotected areas
Yes
Yes
Yes
No
01
1
Protected areas
Yes
No
No
No
10
0
Unprotected areas
Yes
No
Yes
No
10
0
Protected areas
Yes
No
No
No
10
1
Unprotected areas
Yes
Yes
Yes
No
10
1
Protected areas
Yes
No
No
No
11
0
All program memory
Yes
No
Yes
Yes
11
1
All program memory
Yes
Yes
Yes
Yes
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR,
BOR
Value on
all other
RESETS
0Bh, 8Bh,
10Bh, 18Bh
INTCON
GIE
PEIE
T0IE
INTE
RBIE
T0IF
INTF
RBIF
0000 000x
0000 000u
10Dh
EEADR
EEPROM Address Register, Low Byte
xxxx xxxx
uuuu uuuu
10Fh
EEADRH
—
—
—
EEPROM Address, High Byte
xxxx xxxx
uuuu uuuu
10Ch
EEDATA
EEPROM Data Register, Low Byte
xxxx xxxx
uuuu uuuu
10Eh
EEDATH
—
—
EEPROM Data Register, High Byte
xxxx xxxx
uuuu uuuu
18Ch
EECON1
EEPGD
—
—
—
WRERR
WREN
WR
RD
x--- x000
x--- u000
18Dh
EECON2 EEPROM Control Register2 (not a physical register)
——
8Dh
PIE2
—
(1)
—EEIE
BCLIE
—
—
CCP2IE -r-0 0--0
-r-0 0--0
0Dh
PIR2
—
(1)
—EEIF
BCLIF
—
—
CCP2IF -r-0 0--0
-r-0 0--0
Legend:
x
= unknown, u = unchanged, r = reserved, - = unimplemented, read as '0'.
Shaded cells are not used during FLASH/EEPROM access.
Note 1: These bits are reserved; always maintain these bits clear.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com