| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F84A bảng dữ liệu(PDF) 42 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F84A bảng dữ liệu(HTML) 42 Page - Microchip Technology |
|
42 / 90 page ![]() PIC16F84A DS35007C-page 42 2001-2013 Microchip Technology Inc. XORLW Exclusive OR Literal with W Syntax: [label] XORLW k Operands: 0 k 255 Operation: (W) .XOR. k W) Status Affected: Z Description: The contents of the W register are XOR’ed with the eight-bit lit- eral 'k'. The result is placed in the W register. XORWF Exclusive OR W with f Syntax: [label] XORWF f,d Operands: 0 f 127 d [0,1] Operation: (W) .XOR. (f) destination) Status Affected: Z Description: Exclusive OR the contents of the W register with register 'f'. If 'd' is 0, the result is stored in the W register. If 'd' is 1, the result is stored back in register 'f'. |