| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
3RT20161AB01 bảng dữ liệu(PDF) 2 Page - Siemens Semiconductor Group |
|
|
|||||||||||||||||||||||||||||
3RT20161AB01 bảng dữ liệu(HTML) 2 Page - Siemens Semiconductor Group |
|
2 / 7 page ![]() • of the contactor with added auxiliary switch block / typical 10,000,000 • of the contactor with added electronics-compatible auxiliary switch block / typical 5,000,000 Main circuit: Number of NC contacts / for main contacts 0 Number of NO contacts / for main contacts 3 Operating current • at AC-1 / at 400 V • at 40 °C ambient temperature / rated value A 22 • at 60 °C ambient temperature / rated value A 20 • at AC-2 / at 400 V / rated value A 9 • at AC-3 / at 400 V / rated value A 9 • at AC-4 / at 400 V / rated value A 8.5 Operating current • with 1 current path / at DC-1 • at 24 V / rated value A 20 • at 110 V / rated value A 2.1 • with 2 current paths in series / at DC-1 • at 24 V / rated value A 20 • at 110 V / rated value A 12 • with 3 current paths in series / at DC-1 • at 24 V / rated value A 20 • at 110 V / rated value A 20 • with 1 current path / at DC-3 / at DC-5 • at 24 V / rated value A 20 • at 110 V / rated value A 0.1 • with 2 current paths in series / at DC-3 / at DC-5 • at 24 V / rated value A 20 • at 110 V / rated value A 0.35 • with 3 current paths in series / at DC-3 / at DC-5 • at 24 V / rated value A 20 • at 110 V / rated value A 20 Service power • at AC-2 / at 400 V / rated value kW 4 • at AC-3 / at 400 V / rated value kW 4 • at AC-4 / at 400 V / rated value kW 4 Active power loss / per conductor / typical W 0.7 Off-load operating frequency • at AC 1/h 10,000 3RT2016-1AB01 Page 2/ 07/27/2012 subject to modifications © Copyright Siemens AG 2012 7 |