| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MTS2916A bảng dữ liệu(PDF) 17 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MTS2916A bảng dữ liệu(HTML) 17 Page - Microchip Technology |
|
17 / 20 page ![]() 2010-2013 Microchip Technology Inc. DS22259B-page 17 MTS2916A PRODUCT IDENTIFICATION SYSTEM To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office . Device: MTS2916A: Dual Full-Bridge Motor Driver Packing Type: H= Tube L = Tape and Reel Package: C1* = 24-Lead Plastic Small Outline (SOP) * These devices are formerly products of Advanced Silicon PART NO. -X XX Package Tube/Tape and Reel Device G Fixed Examples: a) MTS2916A-HGC1 Tube, 24LD SOP Package b) MTS2916A-LGC1 Tape and Reel, 24LD SOP Package Character |