| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCP73223-C2S/MF bảng dữ liệu(PDF) 18 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP73223-C2S/MF bảng dữ liệu(HTML) 18 Page - Microchip Technology |
|
18 / 28 page ![]() MCP73123/223 DS22191E-page 18 2009-2013 Microchip Technology Inc. 7.0 PACKAGING INFORMATION 7.1 Package Marking Information XXXX 10-Lead DFN (3x3) YYWW NNN Example: 1225 256 Standard * Part Number Code MCP73123-22SI/MF 77HI MCP73223-C2SI/MF X7HI Legend: XX...X Customer-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e 77HI |