công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP47DA1 bảng dữ liệu(PDF) 5 Page - Microchip Technology

tên linh kiện MCP47DA1
Giải thích chi tiết về linh kiện  6-Bit Windowed Volatile DAC with Command Code
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47DA1 bảng dữ liệu(HTML) 5 Page - Microchip Technology

  MCP47DA1 Datasheet HTML 1Page - Microchip Technology MCP47DA1 Datasheet HTML 2Page - Microchip Technology MCP47DA1 Datasheet HTML 3Page - Microchip Technology MCP47DA1 Datasheet HTML 4Page - Microchip Technology MCP47DA1 Datasheet HTML 5Page - Microchip Technology MCP47DA1 Datasheet HTML 6Page - Microchip Technology MCP47DA1 Datasheet HTML 7Page - Microchip Technology MCP47DA1 Datasheet HTML 8Page - Microchip Technology MCP47DA1 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 76 page
background image
 2012-2013 Microchip Technology Inc.
DS25118D-page 5
MCP47DA1
Output Amplifier
Minimum Output
Voltage
VOUT(MIN)
—VREF / 3
—
V
Device Output minimum drive
Maximum Output
Voltage
VOUT(MAX)
—2 * VREF/3
—
V
Device Output maximum drive
Phase Margin
PM
—
66
—
Degree (°) CL = 400 pF, RL = 
Slew Rate
SR
—
0.55
—
V/µs
Short Circuit
Current
ISC
515
24
mA
Settling Time
tSETTLING
—6
—
µs
External Reference (VREF) (Note 3)
Input Capacitance
CVREF
—7
—
pF
Total Harmonic
Distortion
THD
—
-73
—
dB
VREF = 1.65V ± 0.1V,
Frequency = 1 kHz
Dynamic Performance (Note 3)
Major Code
Transition Glitch
—
45
—
nV-s
1 LSb change around major carry
(40h to 3Fh)
Digital
Feedthrough
—<10
—
nV-s
AC/DC CHARACTERISTICS (CONTINUED)
DC Characteristics
Standard Operating Conditions (unless otherwise specified)
Operating Temperature
–40°C
 TA  +125°C (extended)
All parameters apply across the specified operating ranges unless noted.
VDD = +2.7V to +5.5V. CL = 1 nF, RL = 5 k .
Typical specifications represent values for VDD = 5.5V, TA = +25°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1:
Resistance is defined as the resistance between the VREF pin and the VSS pin.
2:
INL and DNL are measured at VOUT from Code = 20h (Zero Scale) through Code = 60h (Full Scale).
3:
This specification by design.
4:
Non-linearity is affected by wiper resistance (RW), which changes significantly over voltage and
temperature.
5:
POR/BOR is not rate dependent.
6:
Supply current is independent of VREF current.
7:
See Section 7.1.3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76