công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

WLF2CA2-2 bảng dữ liệu(PDF) 21 Page - Omron Electronics LLC

tên linh kiện WLF2CA2-2
Giải thích chi tiết về linh kiện  Wide Range of Two-circuit Switches; Select One for the Operating Environment/Application
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OMRON [Omron Electronics LLC]
Trang chủ  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

WLF2CA2-2 bảng dữ liệu(HTML) 21 Page - Omron Electronics LLC

Back Button WLF2CA2-2 Datasheet HTML 17Page - Omron Electronics LLC WLF2CA2-2 Datasheet HTML 18Page - Omron Electronics LLC WLF2CA2-2 Datasheet HTML 19Page - Omron Electronics LLC WLF2CA2-2 Datasheet HTML 20Page - Omron Electronics LLC WLF2CA2-2 Datasheet HTML 21Page - Omron Electronics LLC WLF2CA2-2 Datasheet HTML 22Page - Omron Electronics LLC WLF2CA2-2 Datasheet HTML 23Page - Omron Electronics LLC WLF2CA2-2 Datasheet HTML 24Page - Omron Electronics LLC WLF2CA2-2 Datasheet HTML 25Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
21
WL/WLM
Ratings
Screw terminals
Note: 1. The above figures are for steady-state currents.
2. Inductive loads have a power factor of 0.4 min. (AC) and a time
constant of 7 ms max. (DC).
3. A lamp load has an inrush current of 10 times the steady-state current.
4. A motor load has an inrush current of 6 times the steady-state current.
Approved Standard Ratings
UL/CSA
LE Switches (Neon lamp): A300
LD Switches (LED)
CCC (GB14048.5)
Note: As an example, AC-15: 2 A/250 V means the following:
Characteristics
Note: 1. The above figures are initial values.
2. The figures in parentheses for dielectric strength are those for the high-
sensitivity overtravel models.
*1. The values are calculated at an operating temperature of +5
°C to +35°C and
an operating humidity of 40% to 70%RH. Contact your OMRON sales
representative for more detailed information on other operating
environments.
*2. Durability is 10,000,000 operations min. for general-purpose or high-
sensitivity overtravel models.
*3. Durability is 500,000 operations min. for high-precision models. All
microload models however, are 1,000,000 operations min.
Spatter-prevention Switches
Item
Rated
voltage (V)
Non-inductive load (A)
Inductive load (A)
Resistive
load
Lamp
load
Inductive
load
Motor
load
Model
NC
NO
NC
NO
NC
NO
NC
NO
WL
@-LES
125 VAC
250 VAC
10
10
3
2
1.5
1
10
10
5
3
2.5
1.5
WL
@-LDS
115 VAC
10
3
1.5
10
5
2.5
12 VDC
24 VDC
48 VDC
10
6
3
6
4
2
3
3
1.5
10
6
3
6
4
2
Inrush
current
NC
30 A max.
NO
20 A max.
Operating temperature
–10
°C to +80°C (with no icing)
Operating humidity
35% to 95%RH max.
Rated
voltage
Carry
current
Current (A)
Volt-amperes (VA)
Make
Break
Make
Break
120 VAC
240 VAC
10 A
60
30
6
3
7,200
720
Rated voltage
Carry current
115 VAC
10 A
115 VDC
0.8 A
Model
Application category and ratings
WL
@
AC-15: 2 A/250 V
DC-12: 2 A/48 V
WL01
@
AC-14: 0.1 A/125V
DC-12: 0.1 A/48 V
WL
@-LE
AC-15: 2 A/250 V
WL01
@-LE
AC-14: 0.1 A/125 V
WL
@-LD
AC-15: 2 A/115 V
DC-12: 2 A/48 V
WL01
@-LD
AC-14: 0.1 A/115 V
DC-12: 0.1 A/48 V
Application category
AC-15
Rated operating current (Ie)
2 A
Rated operating voltage (Ue) 250 V
Degree of protection
IP67
Durability
*1
Mechanical
15,000,000 operations min. *2
Electrical
750,000 operations min. *3
Operating speed
1 mm/s to 1 m/s (in case of WLCA2)
Operating
frequency
Mechanical
120 operations/minute min.
Electrical
30 operations/minute min.
Rated frequency
50/60 Hz
Insulation resistance
100 M
Ω min. (at 500 VDC)
Contact resistance
25 m
Ω max. (initial value for the built-
in switch when tested alone)
Dielectric
strength
Between
terminals of
the same
polarity
1,000 VAC (600 VAC), 50/60 Hz for
1min
Between
current-
carrying
metal part
and ground
2,200 VAC (1,500 VAC), 50/60 Hz for
1 min/Uimp 2.5 kV
Between
each
terminal and
non-current-
carrying
metal part
2,200 VAC (1,500 VAC), 50/60 Hz for
1 min/Uimp 2.5 kV
Rated insulation voltage
(Ui)
250 V (EN60947-5-1)
Pollution degree
(operating environment)
3 (EN60947-5-1)
Short-circuit protective
device (SCPD)
10 A, fuse type gG or gI (IEC60269)
Conditional short-circuit
current
100 A (EN60947-5-1)
Conventional enclosed
thermal current (Ithe)
10 A, 0.5 A (EN60947-5-1)
Protection against
electric shock
Class I
Vibration
resistance
Malfunction
10 to 55 Hz, 1.5-mm double amplitude
Shock
resistance
Destruction
1,000 m/s2 min.
Malfunction
300 m/s2 min.
Ambient operating
temperature
–10
°C to +80°C (with no icing)
Ambient operating
humidity
35% to 95%RH
Weight
Approx. 275 g (in case of WLCA2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com