công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

VLCD3 bảng dữ liệu(PDF) 4 Page - Microchip Technology

tên linh kiện VLCD3
Giải thích chi tiết về linh kiện  64-Pin 8-Bit Flash Microcontroller Product Brief
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VLCD3 bảng dữ liệu(HTML) 4 Page - Microchip Technology

  VLCD3 Datasheet HTML 1Page - Microchip Technology VLCD3 Datasheet HTML 2Page - Microchip Technology VLCD3 Datasheet HTML 3Page - Microchip Technology VLCD3 Datasheet HTML 4Page - Microchip Technology VLCD3 Datasheet HTML 5Page - Microchip Technology VLCD3 Datasheet HTML 6Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PIC16F194X/16LF194X
DS41366A-page 4
Advance Information
© 2008 Microchip Technology Inc.
RF0
18
AN16
CPS16
C12IN0-
—
—
—
—
—
SEG41
—
—
—
RF1
17
AN6
CPS6
C2OUT
SRNQ
—
—
—
—
SEG19
—
—
—
RF2
16
AN7
CPS7
C1OUT
SRQ
—
—
—
—
SEG20
—
—
—
RF3
15
AN8
CPS8
C123IN2-
—
—
—
—
—
SEG21
—
—
—
RF4
14
AN9
CPS9
C2IN+
—
—
—
—
—
SEG22
—
—
—
RF5
13
AN10
CPS10
C12IN1-
DACOUT
—
—
—
—
SEG23
—
—
—
RF6
12
AN11
CPS11
C1IN+
—
—
—
—
—
SEG24
—
—
—
RF7
11
AN5
CPS5
C123IN3-
—
—
—
—
SS1
SEG25
—
—
—
RG0
3
—
—
—
—
—
CCP3
P3A
—
—
SEG42
—
—
—
RG1
4
AN15
CPS15
C3OUT
—
—
—
TX2/CK2
SEG43
—
—
—
RG2
5
AN14
CPS14
C3IN+
—
—
—
RX2/DT2
SEG44
—
—
—
RG3
6
AN13
CPS13
C3IN0-
—
—
CCP4
P3D
——
SEG45
——
—
RG4
8
AN12
CPS12
C3IN1-
—
—
CCP5
P1D
—
—
SEG26
—
—
—
RG5
7
—
—
—
—
—
—
—
—
—
—
Y(2)
MCLR/VPP
VDD
26,
38,
57
—
—
—
—
—
—
—
—
—
—
—
VDD
VSS
9,
25,
41,
56
——
—
—
—
—
—
—
—
—
—
VSS
AVDD
19
—
—
—
—
—
—
—
—
—
—
—
AVDD
AVSS
20
—
—
—
—
—
—
—
—
—
—
—
AVSS
VCAP
10
—
—
—
—
—
—
—
—
—
—
—
VCAP
Note 1:
Pin functions in bold can be redirected via software.
2:
Weak pull-up always enabled when MCLR is enabled, otherwise the pull-up is under user control.



Html Pages

1 2 3 4 5 6