công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

D6F-W01A1 bảng dữ liệu(PDF) 2 Page - Omron Electronics LLC

tên linh kiện D6F-W01A1
Giải thích chi tiết về linh kiện  MEMS Air Velocity Sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OMRON [Omron Electronics LLC]
Trang chủ  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D6F-W01A1 bảng dữ liệu(HTML) 2 Page - Omron Electronics LLC

  D6F-W01A1 Datasheet HTML 1Page - Omron Electronics LLC D6F-W01A1 Datasheet HTML 2Page - Omron Electronics LLC D6F-W01A1 Datasheet HTML 3Page - Omron Electronics LLC D6F-W01A1 Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
32
MEMS Air Velocity Sensor
D6F-W
■ Absolute Maximum Rating
■ Output Voltage Characteristics
D6F-W01A1
D6F-W04A1
Note: 1. Air velocity. D6F-W is optimally adjusted for air velocity de-
tection, derived from mass air-flow measurement according
to our in-house test method using a wind tunnel
φ 48 mm as
shown in Fig. 1.
2. Measurement condition: Power supply voltage 12
±0.1 VDC,
ambient temperature 25
±5°C. and dry air.
D6F-W10A1
Note: 1. Air velocity. D6F-W is optimally adjusted for air velocity de-
tection, derived from mass air-flow measurement according
to our in-house test method using a wind tunnel
φ 155 mm
as shown in Fig. 2.
2. Measurement condition: Power supply voltage 12
±0.1 VDC,
ambient temperature 25
±5 °C. and dry air.
Connections
The connector linked to this product should use the following JST
Mfg.Co.,Ltd. housing, contacts and electrical wire
Item
Symbol
Rating
Unit
Power supply voltage
Vcc
26.4
VDC
Output voltage
Vout
6.0
VDC
Flow Velocity (m/s)
0.00
0.25
0.50
0.75
1.00
Output Voltage (VDC)
1.00
±0.2
1.35
±0.2
2.01
±0.2
3.27
±0.2
5.00
±0.2
6.0
5.0
4.0
3.0
2.0
1.0
0.25
0.00
1.00
0.75
0.50
0.0
Flow Velocity (m/s)
1.00
0.00
4.00
3.00
2.00
6.0
5.0
4.0
3.0
2.0
1.0
0.0
Flow Velocity (m/s)
Flow Velocity (m/s)
6.0
5.0
4.0
3.0
2.0
1.0
0.0
02
4
6
8
10
D6F-W01A1
D6F-W04A1
D6F-W10A1
Flow Velocity (m/s)
0123
4
Output Voltage (VDC)
1.00
±0.2
1.58
±0.2
2.88
±0.2
4.11
±0.2
5.00
±0.2
48 dia.
60
20.8
Air Velocity Sensor
Flow rate measurement positoin
Fig. 1.
Flow Velocity (m/s)
0
2
4
6
8
10
Output Voltage (VDC)
1.00
±0.24
1.94
±0.24
3.23
±0.24
4.25
±0.24
4.73
±0.24
5.00
±0.24
100
10
18
155 dia.
Honeycomb air flow laminater
Air Velocity Sensor
Flow rate measurement positoin
Fig. 2.
Enlarged view
2. Vout.
3. GND.
1. Vcc.
Connections
Pin No.
1: Vcc
2: Vout
3: GND
Connector
S3B-ZR-SM2-TF
(Made by JST Mfg. Co.,Ltd.)
1) Contact:
SZH-002T-P0.5
Wire:
AWG#28 to #26
OR
2) Contact:
SZH-003T-P0.5
Wire:
AWG#32 to #28
Housing:
ZHR-3



Html Pages

1 2 3 4