| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SE38 bảng dữ liệu(PDF) 5 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
SE38 bảng dữ liệu(HTML) 5 Page - Microchip Technology |
|
5 / 478 page ![]() 2010-2012 Microchip Technology Inc. DS41414D-page 5 PIC16(L)F1946/47 Pin Diagram – 64-Pin TQFP/QFN (PIC16(L)F1946/47) 1 2 3 4 5 6 7 8 9 10 11 12 13 14 38 37 36 35 34 33 50 49 17 18 19 20 21 22 23 24 25 26 RE1 RE0 RG0 RG1 RG2 RG3 VPP/MCLR/RG5 RG4 VSS VDD RF7 RF6 RF5 RF4 RF3 RF2 RB0 RB1 RB2 RB3 RB4 RB5 RB6 VSS RA6 RA7 VDD RB7 RC4 RC3 RC2 RC5 15 16 31 40 39 27 28 29 30 32 48 47 46 45 44 43 42 41 54 53 52 51 58 57 56 55 60 59 64 63 62 61 64-pin TQFP, QFN Note 1: Pin location selected by APFCON register setting. Default location. 2: Pin function can be moved using the APFCON register. Alternate location. 3: QFN package orientation is the same. No leads are present on the QFN package. PIC16(L)F1946/47 |