| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DRA74-331-R bảng dữ liệu(PDF) 5 Page - Cooper Bussmann, Inc. |
|
|
|||||||||||||||||||||||||||||
DRA74-331-R bảng dữ liệu(HTML) 5 Page - Cooper Bussmann, Inc. |
|
5 / 8 page ![]() DRA Series High Power Density, High Efficiency, Shielded Inductors Magnetics Solutions For Automotive Applications User direction of feed Ø1.50 Min. Ø1.50 +0.1/-0.0 SECTION A-A Ko B0= 7.90 mm A0= 7.90 mm K0= 4.70 mm 4.00 2.00 ±0.1 Bo Ao 1.75±0.10 7.50±0.1 16.00 ±0.3 A A 12.00 DRA74 Series A0 SECTION A-A B0= 13.00mm A0= 13.00 mm K0= 4.90 mm 1.5 dia +0.1/-0.0 B0 K0 11.5 1.75 A 2.0 16.00 1.5 dia min 24.0 +/-0.3 A User direction of feed DRA124 Series A0 SECTION A-A B0= 13.00 mm A0= 13.00 mm K0= 6.30 mm 1.5 dia +0.1/-0.0 B0 K0 11.5 1.75 A 2.0 16.00 1.5 dia min 24.0 +/-0.3 A User dir ection of feed DRA125 Series Packaging Information Ø1.50 Min. Ø1.50+0.1/-0.0 SECTION A-A Ko B0= 7.90 mm A0= 7.90mm K0= 3.80mm 4.00 2.00 ±0.1 Bo Ao 1.75±0.10 7.50±0.1 16.00 ±0.3 A A User directionof feed 12.00 DRA73 Series Dimensions are in millimeters. Parts packaged on 13" Diameter reel, 1,350 parts per reel. Parts packaged on 13" Diameter reel, 1,100 parts per reel. Parts packaged on 13" Diameter reel, 750 parts per reel. Parts packaged on 13" Diameter reel, 600 parts per reel. A0 SECTION A-A B0= 13.00 mm A0= 13.00mm K0= 8.30mm 1.5 dia +0.1/-0.0 B0 K0 11.5 1.75 A 2.0 20.00 1.5 dia min 24.0 +/-0.3 A User direction of feed DRA127 Series Parts packaged on 13" Diameter reel, 350 parts per reel. |