| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CJ2M-CPU33 bảng dữ liệu(PDF) 20 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
CJ2M-CPU33 bảng dữ liệu(HTML) 20 Page - Omron Electronics LLC |
|
20 / 29 page ![]() CJ2M-CPU3 @/-CPU1@/-MD21@ 20 Unit Versions Function Support by Unit Version Functions Supported for Unit Version 2.0 or Later The following tables show the relationship between unit versions and CX-Programmer versions. * A Pulse I/O Module must be mounted for CJ2M CPU Units with unit version 2.0 or later. Unit Versions and Programming Devices The following tables show the relationship between unit versions and CX-Programmer versions. Unit Versions and Programming Devices *1. CX-Programmer version 9.1 or higher is required to use CJ2M CPU Units. *2. It is not necessary to upgrade the version of the CX-Programmer if functionality that was enhanced for the upgrade of the CPU Unit will not be used. *3. A Programming Console cannot be used with a CJ2M CPU Unit. Device Type Setting The unit version does not affect the setting made for the device type on the CX-Programmer. Select the device type as shown in the following table regardless of the unit version of the CPU Unit. Units Models Unit version CJ2M CPU Units CJ2M-CPU3 @ CPU: Unit version 1.0 (Built-in EtherNet/IP section: Unit version 2.0) CPU: Unit version 2.0 (Built-in EtherNet/IP section: Unit version 2.0) CPU: Unit version 2.0 (Built-in EtherNet/IP section: Unit version 2.1) CJ2M-CPU1 @ CPU: Unit version 1.0 CPU: Unit version 2.0 CPU Unit CJ2M CPU Unit Model CJ2M-CPU @@ Unit Version Function Unit version 2.0 or higher Unit version 1.0 OK − CPU Unit Functions Required Programming Device CX-Programmer Programming Console Ver. 9.0 or lower Ver. 9.1 or higher Ver. 9.12 or higher CJ2M-CPU @@ Unit version 1.0 Functions for unit version 1.0 − OK *1OK − *3 CJ2M-CPU @@ Unit version 2.0 Functions added for unit version 2.0 Using new functions −− OK Not using new functions − OK *2OK Series CPU Unit group CPU Unit model Device type setting on CX-Programmer Ver. 9.1 or higher CJ Series CJ2M CPU Units CJ2M-CPU3 @ CJ2M-CPU1 @ CJ2M |