| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PAM2306D bảng dữ liệu(PDF) 13 Page - Power Analog Micoelectronics |
|
|
|||||||||||||||||||||||||||||
PAM2306D bảng dữ liệu(HTML) 13 Page - Power Analog Micoelectronics |
|
13 / 13 page ![]() PAM2306D Dual High-Efficiency PWM Step-Down DC-DC Coverter 13 , Power Analog Microelectronics Inc www.poweranalog.com 3x3 mm WDFN 12 Outline Dimensions Dimensions In Millimeters Dimensions In Inches Symbol Min Max Min Max A 0.700 0.800 0.028 0.031 A1 0.000 0.050 0.000 0.002 A3 0.175 0.250 0.007 0.010 b 0.150 0.250 0.006 0.010 D 2.950 3.050 0.116 0.120 D2 2.300 2.650 0.091 0.104 E 2.950 3.050 0.116 0.120 E2 1.400 1.750 0.055 0.069 e 0.450 0.018 L 0.350 0.450 0.014 0.018 1 1 2 2 Note :The configuration of the Pin #1 identifier is optional, but must be located within the zone indicated. DETAIL A Pin #1 ID and Tie Bar Mark Options 02/2012 Rev1.1 |