| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NCP431AVLPRAG bảng dữ liệu(PDF) 15 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
NCP431AVLPRAG bảng dữ liệu(HTML) 15 Page - ON Semiconductor |
|
15 / 17 page ![]() NCP431A, SC431A, NCP431B, NCP432B Series http://onsemi.com 15 PACKAGE DIMENSIONS TO−92 (TO−226) CASE 29−11 ISSUE AN NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. CONTOUR OF PACKAGE BEYOND DIMENSION R IS UNCONTROLLED. 4. LEAD DIMENSION IS UNCONTROLLED IN P AND BEYOND DIMENSION K MINIMUM. R A P J L B K G H SECTION X−X C V D N N XX SEATING PLANE DIM MIN MAX MIN MAX MILLIMETERS INCHES A 0.175 0.205 4.45 5.20 B 0.170 0.210 4.32 5.33 C 0.125 0.165 3.18 4.19 D 0.016 0.021 0.407 0.533 G 0.045 0.055 1.15 1.39 H 0.095 0.105 2.42 2.66 J 0.015 0.020 0.39 0.50 K 0.500 --- 12.70 --- L 0.250 --- 6.35 --- N 0.080 0.105 2.04 2.66 P --- 0.100 --- 2.54 R 0.115 --- 2.93 --- V 0.135 --- 3.43 --- 1 NOTES: 1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M, 1994. 2. CONTROLLING DIMENSION: MILLIMETERS. 3. CONTOUR OF PACKAGE BEYOND DIMENSION R IS UNCONTROLLED. 4. LEAD DIMENSION IS UNCONTROLLED IN P AND BEYOND DIMENSION K MINIMUM. R A P J B K G SECTION X−X C V D N XX SEATING PLANE DIM MIN MAX MILLIMETERS A 4.45 5.20 B 4.32 5.33 C 3.18 4.19 D 0.40 0.54 G 2.40 2.80 J 0.39 0.50 K 12.70 --- N 2.04 2.66 P 1.50 4.00 R 2.93 --- V 3.43 --- 1 T STRAIGHT LEAD BENT LEAD |