| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NCP431ACLPRAG bảng dữ liệu(PDF) 13 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
NCP431ACLPRAG bảng dữ liệu(HTML) 13 Page - ON Semiconductor |
|
13 / 17 page ![]() NCP431A, SC431A, NCP431B, NCP432B Series http://onsemi.com 13 minimum cathode current that is needed to assure stable gain is 80 mA maximum. Figure 36. Knee of Reference Regulator with TL431 or other references in secondary side of a SMPS needs bias resistor to increase cathode current to reach high and stable gain (refer to Figure 37). This bias resistor does not have to be used in regulator with NCP431/NCP432 thanks to its low minimum cathode current. Figure 37. SMPS Secondary Side and Feedback Connection on Primary Side The NCP431/NCP432 operates with very low leakage and reference input current. Sum of these currents is lower than 100 nA. Regulator with the NCP431/NCP432 minimizes parasitic power consumption. The best way to achieve extremely low no−load consumption in SMPS applications is to use NCP431/NCP432 as regulator on the secondary side. The consumption is reduced by minimum parasitic consumption and very low bias current of NCP431/NCP432. |