| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LMP90100MHE/NOPB bảng dữ liệu(PDF) 64 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LMP90100MHE/NOPB bảng dữ liệu(HTML) 64 Page - Texas Instruments |
|
64 / 69 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 11-Apr-2013 Addendum-Page 1 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) Op Temp (°C) Top-Side Markings (4) Samples LMP90097MH/NOPB ACTIVE HTSSOP PWP 28 48 Green (RoHS & no Sb/Br) CU SN Level-3-260C-168 HR -40 to 125 LMP90097 MH LMP90097MHE/NOPB ACTIVE HTSSOP PWP 28 250 Green (RoHS & no Sb/Br) CU SN Level-3-260C-168 HR -40 to 125 LMP90097 MH LMP90097MHX/NOPB ACTIVE HTSSOP PWP 28 2500 Green (RoHS & no Sb/Br) CU SN Level-3-260C-168 HR -40 to 125 LMP90097 MH LMP90098MH/NOPB ACTIVE HTSSOP PWP 28 48 Green (RoHS & no Sb/Br) CU SN Level-3-260C-168 HR -40 to 125 LMP90098 MH LMP90098MHE/NOPB ACTIVE HTSSOP PWP 28 250 Green (RoHS & no Sb/Br) CU SN Level-3-260C-168 HR -40 to 125 LMP90098 MH LMP90098MHX/NOPB ACTIVE HTSSOP PWP 28 2500 Green (RoHS & no Sb/Br) CU SN Level-3-260C-168 HR -40 to 125 LMP90098 MH LMP90099MH/NOPB ACTIVE HTSSOP PWP 28 48 Green (RoHS & no Sb/Br) CU SN Level-3-260C-168 HR -40 to 125 LMP90099 MH LMP90099MHE/NOPB ACTIVE HTSSOP PWP 28 250 Green (RoHS & no Sb/Br) CU SN Level-3-260C-168 HR -40 to 125 LMP90099 MH LMP90099MHX/NOPB ACTIVE HTSSOP PWP 28 2500 Green (RoHS & no Sb/Br) CU SN Level-3-260C-168 HR -40 to 125 LMP90099 MH LMP90100MH/NOPB ACTIVE HTSSOP PWP 28 48 Green (RoHS & no Sb/Br) CU SN Level-3-260C-168 HR -40 to 125 LMP90100 MH LMP90100MHE/NOPB ACTIVE HTSSOP PWP 28 250 Green (RoHS & no Sb/Br) CU SN Level-3-260C-168 HR -40 to 125 LMP90100 MH LMP90100MHX/NOPB ACTIVE HTSSOP PWP 28 2500 Green (RoHS & no Sb/Br) CU SN Level-3-260C-168 HR -40 to 125 LMP90100 MH (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design. PREVIEW: Device has been announced but is not in production. Samples may or may not be available. OBSOLETE: TI has discontinued the production of the device. (2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability information and additional product content details. TBD: The Pb-Free/Green conversion plan has not been defined. |