| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ZMM180B bảng dữ liệu(PDF) 1 Page - Gaomi Xinghe Electronics Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
ZMM180B bảng dữ liệu(HTML) 1 Page - Gaomi Xinghe Electronics Co., Ltd. |
|
1 / 8 page ![]() ZMM1B...ZMM200B SILICON PLANAR ZENER DIODES in MiniMELF case especially for automatic insertion. The Zener voltages are graded according to the international E 24 standard. Smaller voltage tolerances and higher Zener voltages are upon request. These diodes are also available in DO-35 case with the type designation BZX55B Absolute Maximum Ratings (Ta = 25 oC) Symbol Value Unit Power Dissipation Ptot 500 1) mW Junction Temperature Tj 175 O C Storage Temperature Range TS -55 to +175 O C 1) Valid provided that electrodes are kept at ambient temperature Characteristics at Tamb = 25 oC Symbol Min. Typ. Max. Unit Thermal Resistance Junction to Ambient Air RthA - - 0.3 1) K/mW 1) Valid provided that electrodes are kept at ambient temperature LL-34 XINGHE ELECTRONICS 星合电子 |
Số phần tương tự - ZMM180B |
|
Mô tả tương tự - ZMM180B |