| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADAS3023BCPZ bảng dữ liệu(PDF) 8 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADAS3023BCPZ bảng dữ liệu(HTML) 8 Page - Analog Devices |
|
8 / 32 page ![]() ADAS3023 Data Sheet Timing Diagrams Figure 4. General Timing Diagram with BUSY/SDO2 Disabled Figure 5. General Timing Diagram with BUSY/SDO2 Enabled 1 16 1 16 1 16 1 16 1 16 1 16 PHASE CNV SCK DIN SDO BUSY/ SDO2 CS SOC SOC EOC NOTE 2 NOTE 1 NOTE 4 NOTE 3 NOTE 2 NOTE 1 EOC POWER UP tCONV tCYC tCNVH tCBD tAD CONVERSION (n) CONVERSION (n + 1) ACQUISITION (n + 1) ACQUISITION (n + 2) SOC DATA (n) CFG (n + 2) CFG (n + 3) CH0 CH1 CH7 CH0 CH1 CH7 DATA (n + 1) NOTES 1. DATA ACCESS CAN ONLY OCCUR AFTER CONVERSION. BOTH CONVERSION RESULT AND THE CFG REGISTER ARE UPDATED AT THE END OF THE CONVERSION (EOC). 2. A TOTAL OF 16 SCK FALLING EDGES ARE REQUIRED FOR CONVERSION RESULT. AN ADDITIONAL 16 EDGES AFTER THE LAST CONVERSION RESULT ON BUSY READS BACK THE CFG ASSOCIATED WITH CONVERSION. 3. CS CAN BE HELD LOW OR CONNECTED TO CNV. CS IS SHOWN WITH FULL INDEPENDENT CONTROL. 4. FOR OPTIMAL PERFORMANCE, DATA ACCESS SHOULD NOT OCCUR DURING THE SAMPLING INSTANT. A MINIMUM TIME OF AT LEAST THE APERATURE DELAY, tAD, SHOULD LAPSE PRIOR TO DATA ACCESS. 1 16 PHASE CNV SCK DIN SDO BUSY/ SDO2 CS SOC SOC EOC NOTE 1 NOTE 4 NOTE 3 NOTE 2 NOTE 1 EOC POWER UP tCONV tCYC tCNVH tAD CONVERSION (n) CONVERSION (n + 1) ACQUISITION (n + 1) ACQUISITION (n + 2) SOC DATA (n) CFG (n + 2) CFG (n + 3) DATA (n + 1) CH0 CH4 CH1 CH5 CH2 CH6 CH3 CH7 CH0 CH4 CH1 CH5 CH2 CH6 CH3 CH7 1 16 1 16 1 16 1 16 1 16 1 16 1 16 NOTES 1. DATA ACCESS CAN ONLY OCCUR AFTER CONVERSION. BOTH CONVERSION RESULT AND THE CFG REGISTER ARE UPDATED AT THE END OF THE CONVERSION (EOC). 2. A TOTAL OF 16 SCK FALLING EDGES ARE REQUIRED FOR CONVERSION RESULT. AN ADDITIONAL 16 EDGES AFTER THE LAST CONVERSION RESULT ON BUSY READS BACK THE CFG ASSOCIATED WITH CONVERSION. 3. CS CAN BE HELD LOW OR CONNECTED TO CNV. CS IS SHOWN WITH FULL INDEPENDENT CONTROL. 4. FOR OPTIMAL PERFORMANCE, DATA ACCESS SHOULD NOT OCCUR DURING THE SAMPLING INSTANT. A MINIMUM TIME OF AT LEAST THE APERATURE DELAY, tAD, SHOULD LAPSE PRIOR TO DATA ACCESS. Rev. 0 | Page 8 of 32 |