| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32F303CCT6 bảng dữ liệu(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F303CCT6 bảng dữ liệu(HTML) 12 Page - STMicroelectronics |
|
12 / 133 page ![]() Description STM32F302xx/STM32F303xx 12/133 Doc ID 023353 Rev 5 Figure 2. STM32F303xB/STM32F303xC block diagram 1. AF: alternate function on I/O pins. MS18960V4 Touch Sensing Controller TIMER 16 2 Channels,1 Comp Channel, BRK as AF TIMER 17 TIMER 1 / PWM TIMER 8 / PWM 4 Channels, 4 Comp channels, ETR, BRK as AF SPI1 MOSI, MISO, SCK,NSS as AF USART1 RX, TX, CTS, RTS, SmartCard as AF WinWATCHDOG MPU/FPU Cortex M4 CPU Fmax: 72 MHz NVIC GP DMA1 7 channels CCM RAM 8KB FLASH 256 KB 64 bits JTRST JTDI JTCK/SWCLK JTMS/SWDIO JTDO As AF Power Voltage reg. 3.3 V to 1.8V VDD18 Supply Supervision POR /PDR PVD POR Reset Int. VDDIO = 2 to 3.6 V VSS NRESET VDDA VSSA Ind. WDG32K Standby interface PLL @VDDIO @VDDA XTAL OSC 4 -32 MHz Reset & clock control AHBPCLK APBP1CLK APBP2CLK AHB2 APB2 AHB2 APB1 CRC GPIO PORT A GPIO PORT B GPIO PORT C GPIO PORT D GPIO PORT E OSC_IN OSC_OUT SPI3/I2S SCL, SDA, SMBA as AF USART2 SCL, SDA, SMBA as AF USART3 RC LS TIMER6 TIMER 4 SPI2/I2S 12bit DAC1 IF @VDDA TIMER2 (32-bit/PWM) PA[15:0] PB[15:0] PC[15:0] MOSI/SD, MISO/ext_SD, SCK/CK, NSS/WS, MCLK as AF 4 Channels, ETR as AF USB_DP, USB_DM DAC1_CH1 as AF HCLK FCLK USARTCLK RC HS 8MHz SRAM 40 KB ETM Trace/Trig SWJTAG TPIU Ibus TRADECLK TRACED[0-3] as AF Dbus System GP DMA2 5 channels 12-bit ADC1 12-bit ADC2 IF Temp. sensor VREF+ VREF- TIMER 15 EXT.IT WKUP XX AF 1 Channel, 1 Comp Channel, BRK as AF 1 Channel, 1 Comp Channel, BRK as AF 4 Channels, 4 Comp channels, ETR, BRK as AF GPIO PORT F PD[15:0] PE[15:0] TIMER7 USB SRAM 512B PF[7:0] 12-bit ADC3 IF 12-bit ADC4 I2CCLK ADC SAR 1/2/3/4 CLK @VDDIO @VDDA @VSW XTAL 32kHz OSC32_IN OSC32_OUT VBAT = 1.65V to 3.6V RTC AWU Backup Reg (64Byte) Backup interface ANTI-TAMP TIMER 3 UART4 UART5 I2C1 I2C2 bx CAN & 512B SRAM USB 2.0 FS DAC1_CH2 as AF OpAmp1 OpAmp2 OpAmp3 OpAmp4 @VDDA INxx / OUTxx INxx / OUTxx INxx / OUTxx INxx / OUTxx SYSCFG CTL GP Comparator 7 p GP Comparator... GP Comparator 1 CAN TX, CAN RX 4 Channels, ETR as AF 4 Channels, ETR as AF MOSI/SD, MISO/ext_SD, SCK/CK, NSS/WS, MCLK as AF RX, TX, CTS, RTS, as AF RX, TX, CTS, RTS, as AF RX, TX as AF RX, TX as AF @VDDA Xx Ins, 7 OUTs as AF XX Groups of 4 channels as AF |