| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32F302XB bảng dữ liệu(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F302XB bảng dữ liệu(HTML) 23 Page - STMicroelectronics |
|
23 / 133 page ![]() STM32F302xx/STM32F303xx Functional overview Doc ID 023353 Rev 5 23/133 3.16 Timers and watchdogs The STM32F302xx/STM32F303xx includes up to two advanced control timers, up to 6 general-purpose timers, two basic timers, two watchdog timers and a SysTick timer. The table below compares the features of the advanced control, general purpose and basic timers. 3.16.1 Advanced timers (TIM1, TIM8) The advanced-control timers (TIM1 on all devices and TIM8 on STM32F303xB/STM32F303xC devices) can each be seen as a three-phase PWM multiplexed on 6 channels. They have complementary PWM outputs with programmable inserted dead-times. They can also be seen as complete general-purpose timers. The 4 independent channels can be used for: ● Input capture ● Output compare ● PWM generation (edge or center-aligned modes) with full modulation capability (0- 100%) ● One-pulse mode output Table 3. Timer feature comparison Timer type Timer Counter resolution Counter type Prescaler factor DMA request generation Capture/ compare Channels Complementary outputs Advanced TIM1, TIM8 (on STM32F303xB /STM32F303x C devices only) 16-bit Up, Down, Up/Down Any integer between 1 and 65536 Yes 4 Yes General- purpose TIM2 32-bit Up, Down, Up/Down Any integer between 1 and 65536 Yes 4 No General- purpose TIM3, TIM4 16-bit Up, Down, Up/Down Any integer between 1 and 65536 Yes 4 No General- purpose TIM15 16-bit Up Any integer between 1 and 65536 Yes 2 1 General- purpose TIM16, TIM17 16-bit Up Any integer between 1 and 65536 Yes 1 1 Basic TIM6, TIM7 (on STM32F303xB /STM32F303x C devices only) 16-bit Up Any integer between 1 and 65536 Yes 0 No |