| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IP4234CZ6 bảng dữ liệu(PDF) 7 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
IP4234CZ6 bảng dữ liệu(HTML) 7 Page - NXP Semiconductors |
|
7 / 9 page ![]() IP4234CZ6_1 © NXP B.V. 2009. All rights reserved. Product data sheet Rev. 01 — 16 April 2009 7 of 9 NXP Semiconductors IP4234CZ6 Single USB 2.0 ESD protection to IEC 61000-4-2 level 4 For further information on temperature profiles, refer to Application Note AN10365 “Surface mount reflow soldering description”. 10. Abbreviations 11. Revision history MSL: Moisture Sensitivity Level Fig 3. Temperature profiles for large and small components 001aac844 temperature time minimum peak temperature = minimum soldering temperature maximum peak temperature = MSL limit, damage level peak temperature Table 8. Abbreviations Acronym Description DVI Digital Video Interface ESD ElectroStatic Discharge HDMI High Definition Multimedia interface LAN Local Area Network PCS Personal Computing System PDA Personal Digital Assistant RoHS Restriction of Hazardous Substances USB Universal Serial Bus WAN Wide Area Network Table 9. Revision history Document ID Release date Data sheet status Change notice Supersedes IP4234CZ6_1 20090416 Product data sheet - - |