công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ZB4BVB6 bảng dữ liệu(PDF) 11 Page - List of Unclassifed Manufacturers

tên linh kiện ZB4BVB6
Giải thích chi tiết về linh kiện  Body/contact assemblies - Screw clamp terminal connections
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC1 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC1 - List of Unclassifed Manufacturers

ZB4BVB6 bảng dữ liệu(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button ZB4BVB6 Datasheet HTML 4Page - List of Unclassifed Manufacturers ZB4BVB6 Datasheet HTML 5Page - List of Unclassifed Manufacturers ZB4BVB6 Datasheet HTML 6Page - List of Unclassifed Manufacturers ZB4BVB6 Datasheet HTML 7Page - List of Unclassifed Manufacturers ZB4BVB6 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZB4BVB6 Datasheet HTML 9Page - List of Unclassifed Manufacturers ZB4BVB6 Datasheet HTML 10Page - List of Unclassifed Manufacturers ZB4BVB6 Datasheet HTML 11Page - List of Unclassifed Manufacturers ZB4BVB6 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
12
To combine with:
heads, see page 36060-EN_Ver4.0/7
contacts, see page 36068-EN_Ver4.0/2
References
Complete body/contact assemblies and light blocks (1)
For bulb with BA 9s base fitting (incandescent, neon or LED)
Screw clamp terminal connections (Schneider Electric anti-retightening system)
Light
source
Supply
voltage
Type of contact
Colour of
light source
Reference
Weight
V
N/O
N/C
kg
Direct supply
BA9s base fitting bulb,
2.4 W max,
not included (2)
y 250
1
–
–
ZB4 BW061
0.063
–1
–
ZB4 BW062
0.063
2–
–
ZB4 BW063
0.073
11
–
ZB4 BW065
0.073
Supply via integral transformer (1.2 VA, 6 V secondary)
BA9s base fitting
incandescent bulb,
included
a 110…120
50/60 Hz
1–
–
ZB4 BW031
0.141
11
–
ZB4 BW035
0.151
a 230
50 Hz
a 220…240
60 Hz
1–
–
ZB4 BW041
0.141
11
–
ZB4 BW045
0.151
a 400
50 Hz
1–
–
ZB4 BW051
0.141
11
–
ZB4 BW055
0.151
BA9s base fitting LED,
included
a 110…120
50/60 Hz
1
1
White
ZB4 BW03D15
0.151
Green
ZB4 BW03D35
0.151
Red
ZB4 BW03D45
0.151
Orange
ZB4 BW03D55
0.151
Blue
ZB4 BW03D65
0.151
a 230
50 Hz
a 220…240
60 Hz
1
1
White
ZB4 BW04D15
0.151
Green
ZB4 BW04D35
0.151
Red
ZB4 BW04D45
0.151
Orange
ZB4 BW04D55
0.151
Blue
ZB4 BW04D65
0.151
a 400
50/60 Hz
1
1
White
ZB4 BW05D15
0.152
Green
ZB4 BW05D35
0.152
Red
ZB4 BW05D45
0.152
Orange
ZB4 BW05D55
0.152
Blue
ZB4 BW05D65
0.152
Other versions
Complete bodies with integral transformer incorporating Faston connector terminals (6.35 or 2 x 2.8).
Please consult your Regional Sales Office.
(1) Can be fitted with additional contact blocks: see page 36068-EN_Ver4.0/2.
(2) Bulb to be ordered separately: see page 36071-EN_Ver4.0/4.
ZB4 BW06p
ZB4 BW06p
ZB4 BW0p5
ZB4 BW0p5
General :
page 36022-EN_Ver9.0/2
Characteristics :
page 36001-EN_Ver16.0/2
Dimensions :
page 36020-EN_Ver17.0/2
General :
page 36022-EN_Ver9.0/2
Characteristics :
page 36001-EN_Ver16.0/2
Dimensions :
page 36020-EN_Ver17.0/2
General :
page 36022-EN_Ver9.0/2
Characteristics :
page 36001-EN_Ver16.0/2
Dimensions :
page 36020-EN_Ver17.0/2
General :
page 36022-EN_Ver9.0/2
Characteristics :
page 36001-EN_Ver16.0/2
Dimensions :
page 36020-EN_Ver17.0/2
Control and signalling units Ø 22
0
Harmony® XB4, metal
Body/contact assemblies + light blocks with
BA 9s base fitting
36068-EN_Ver4.1.indd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com