công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NLV32T-R68J-PF bảng dữ liệu(PDF) 1 Page - TDK Electronics

tên linh kiện NLV32T-R68J-PF
Giải thích chi tiết về linh kiện  For General Applications SMD
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TDK [TDK Electronics]
Trang chủ  http://www.tdk.com
Logo TDK - TDK Electronics

NLV32T-R68J-PF bảng dữ liệu(HTML) 1 Page - TDK Electronics

  NLV32T-R68J-PF Datasheet HTML 1Page - TDK Electronics NLV32T-R68J-PF Datasheet HTML 2Page - TDK Electronics NLV32T-R68J-PF Datasheet HTML 3Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• All specifications are subject to change without notice.
(1/3)
002-03 / 20031028 / e511_nlv32.fm
Inductors
NLV Series NLV32 Type
For General Applications
SMD
FEATURES
• The product has good heat durability that withstands lead-free
compatible reflow soldering conditions.
• Lead-free material is used for the plating on the terminal.
• The electrical characteristics, reliability, shape and pad shape
are the same as the previous NL series.
• The product uses metal terminals, which realize excellent con-
nection reliability.
• Highly heat resistant thermoplastic resin is used to form the
exterior package.
• From 0.01µH to 470µH, all of the products in the E-12 series are
J(±5%) tolerance products.
• This product conforms to the RoHS standard.
APPLICATIONS
PCs, hard disk drives, and other types of electronics
SPECIFICATIONS
RECOMMENDED SOLDERING CONDITIONS
REFLOW SOLDERING
FLOW SOLDERING
IRON SOLDERING
• Based on the above conditions, use a maximum product temperature of
260°C and a maximum accumulated heating time of 10 seconds as a
guideline.
• Please contact us for details.
PRODUCT IDENTIFICATION
(1) Series name
(2) Dimensions LxWxT
(3) Packaging style
(4) Inductance value
(5) Inductance tolerance
(6) Lead-free compatible product
PACKAGING STYLE AND QUANTITIES
PRECAUTIONS
• The exterior of this product can melt since due to thermoplastic
construction. During mechanical contact while at the plastic soft-
ening temperature, deformation can occur at the contact loca-
tion. Therefore caution is required when utilizing a soldering iron
during the soldering operation.
FLUX AND CLEANING
Rosin-based flux is recommended.
Cleaning Conditions
Operating temperature range
–40 to +85°C
Storage temperature range
–40 to +85°C [Unit of products]
Tip temperature
300 to 350°C
Heating time
3 sec/soldering
Soldering rod specifications
Output: 30W Tip diameter: 1mm
150˚C
180˚C
255˚C
230˚C
Pre-heating
90 to 120s
40s max.
10s max.
Natural
cooling
Time(s)
150˚C
170˚C
260˚C max.
Pre-heating
60 to 120s
10s max.
Natural
cooling
Time(s)
NLV 32 T- 2R2
J - PF
(1)
(2) (3) (4) (5)
(6)
32
3.2
×2.5×2.2mm
T
Taping (reel)
1R0
1
µH
220
22
µH
J±5%
PF
Lead-free compatible product
Packaging style
Quantity
Taping
2000 pieces/reel
Solvent
Please select the solvent of this product avoiding a strong
acid and a strong alkali, and considering the environments.
Time
2min max.


Số phần tương tự - NLV32T-R68J-PF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
TDK Electronics
NLV32T-R68J-PF TDK-NLV32T-R68J-PF Datasheet
217Kb / 14P
Inductors for Standard Circuits
NLV32T-R68J-PF TDK-NLV32T-R68J-PF Datasheet
141Kb / 3P
Inductors (Coils)
NLV32T-R68J-PFD TDK-NLV32T-R68J-PFD Datasheet
142Kb / 10P
Inductors for Standard Circuits Wound Ferrite
More results

Mô tả tương tự - NLV32T-R68J-PF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
TDK Electronics
NL4532 TDK-NL4532 Datasheet
88Kb / 3P
For General Applications SMD
NL2016 TDK-NL2016 Datasheet
61Kb / 2P
For General Applications
logo
MAKO SEMICONDUCTOR CO.,...
BC818-16 MAKOSEMI-BC818-16 Datasheet
102Kb / 2P
For general AF applications
BC818-25 MAKOSEMI-BC818-25 Datasheet
102Kb / 2P
For general AF applications
BC818-40 MAKOSEMI-BC818-40 Datasheet
102Kb / 2P
For general AF applications
logo
Infineon Technologies A...
BCV28 INFINEON-BCV28_11 Datasheet
522Kb / 7P
For general AF applications
2011-10-05
BCV29 INFINEON-BCV29_11 Datasheet
522Kb / 7P
For general AF applications
2011-10-05
BCX68 INFINEON-BCX68_11 Datasheet
523Kb / 7P
For general AF applications
2011-10-06
logo
Vishay Siliconix
SD101AWS-G VISHAY-SD101AWS-G Datasheet
85Kb / 4P
For general purpose applications
14-Oct-16
SD103AW-G VISHAY-SD103AW-G Datasheet
94Kb / 4P
For general purpose applications
25-Aug-16
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com