| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
Z85C3010VSC bảng dữ liệu(PDF) 2 Page - Zilog, Inc. |
|
|
|||||||||||||||||||||||||||||
Z85C3010VSC bảng dữ liệu(HTML) 2 Page - Zilog, Inc. |
|
2 / 2 page ![]() SCC Serial Channels DMA Bus Interface MHz Part number Package Pins Op. Temp. (oC) Family Controllers SCC 2 0 Multiplex 8 Z80C3008PSC DIP 40 0 +70 Z80C3008VSC PLCC 44 0 +70 10 Z80C3010PSC DIP 40 0 +70 Z80C3010VSC PLCC 44 0 +70 Nonmultiplex 8 Z85C3008PEC DIP 40 -40 +105 Z85C3008PSC DIP 40 0 +70 Z85C3008VEC PLCC 44 -40 +105 Z85C3008VSC PLCC 44 0 +70 10 Z85C3010PEC DIP 40 -40 +105 Z85C3010PSC DIP 40 0 +70 Z85C3010VEC PLCC 44 -40 +105 Z85C3010VSC PLCC 44 0 +70 16 Z85C3016PSC DIP 40 0 +70 Z85C3016VSC PLCC 44 0 +70 ESCC 2 0 Multiplex 10 Z8023010PSC DIP 40 0 +70 Z8023010VSC PLCC 44 0 +70 16 Z8023016PSC DIP 40 0 +70 Z8023016VSC PLCC 44 0 +70 Nonmultiplex 8 Z8523008PSC DIP 40 0 +70 Z8523008VEC PLCC 44 -40 +105 Z8523008VSC PLCC 44 0 +70 10 Z8523010PEC DIP 40 -40 +105 Z8523010PSC DIP 40 0 +70 Z8523010VEC PLCC 44 -40 +105 Z8523010VSC PLCC 44 0 +70 16 Z8523016PEC DIP 40 -40 +105 Z8523016PSC DIP 40 0 +70 Z8523016VEC PLCC 44 -40 +105 Z8523016VSC PLCC 44 0 +70 20 Z8523020PSC DIP 40 0 +70 Z8523020VSC PLCC 44 0 +70 EMSCC 1 0 Nonmultiplex 10 Z8523310FSC PQFP 44 0 +70 Z8523310VSC PLCC 44 0 +70 16 Z8523316FSC PQFP 44 0 +70 Z8523316VSC PLCC 44 0 +70 20 Z8523320FSC PQFP 44 0 +70 USC 2 0 Multiplex and 10 Z16C3010AEC LQFP 100 -40 +105 nonmultiplex Z16C3010ASC LQFP 100 0 +70 Z16C3010VEC PLCC 68 -40 +105 Z16C3010VSC PLCC 68 0 +70 IUSC 1 2 Multiplex and 20 Z16C3220FSC PQFP 80 0 +70 nonmultiplex Z16C3220VSC PLCC 68 0 +70 ISCC 2 2 Multiplex and 10 Z16C3510VSC PLCC 68 0 +70 nonmultiplex 16 Z16C3516VSC PLCC 68 0 +70 • Encodes in the following modes: NRZ, NRZI-Mark, NRZI-Space, Bi-Phase-Mark (FM1), Bi-Phase-Space (FM0), Bi-Phase-Level (Manchester), Differential Bi-Phase-Level • CRC-32, CRC-16 and CRC-CCITT • 32-byte Transmit FIFO/32-byte Receive FIFO www.zilog.com Family of Serial Communication Controllers • 2 DMA control signals per channel (Z16C30) • Transmit and receive DMA controllers with single buffer, pipelined, array and linked-list modes (Z16C32) • 16-Bit Transfers • Two transmit and two receive DMA channels (Z16C35 only) Additional 16-bit features FL002801-0103 |