| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TOP259EN bảng dữ liệu(PDF) 43 Page - Power Integrations, Inc. |
|
|
|||||||||||||||||||||||||||||
TOP259EN bảng dữ liệu(HTML) 43 Page - Power Integrations, Inc. |
|
43 / 49 page ![]() Rev. F 01/09 43 TOP252-262 www.powerint.com PI-2644-122004 Notes: 1. Controlling dimensions are inches. Millimeter dimensions are shown in parentheses. 2. Pin numbers start with Pin 1, and continue from left to right when viewed from the front. 3. Dimensions do not include mold flash or other protrusions. Mold flash or protrusions shall not exceed .006 (.15mm) on any side. 4. Minimum metal to metal spacing at the package body for omitted pin locations is .068 in. (1.73 mm). 5. Position of terminals to be measured at a location .25 (6.35) below the package body. 6. All terminals are solder plated. Y07C PIN 1 PIN 7 MOUNTING HOLE PATTERN .050 (1.27) .150 (3.81) .050 (1.27) .150 (3.81) .050 (1.27) .050 (1.27) .100 (2.54) .180 (4.58) .200 (5.08) PIN 1 + .010 (.25) M .461 (11.71) .495 (12.57) .390 (9.91) .420 (10.67) .146 (3.71) .156 (3.96) .860 (21.84) .880 (22.35) .024 (.61) .034 (.86) .068 (1.73) MIN .050 (1.27) BSC .150 (3.81) BSC .108 (2.74) REF PIN 1 & 7 7 ° TYP. PIN 2 & 4 .040 (1.02) .060 (1.52) .190 (4.83) .210 (5.33) .012 (.30) .024 (.61) .080 (2.03) .120 (3.05) .234 (5.94) .261 (6.63) .165 (4.19) .185 (4.70) .040 (1.02) .060 (1.52) .045 (1.14) .055 (1.40) .670 (17.02) REF. .570 (14.48) REF. TO-220-7C |