| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
2MC04-059-15AN bảng dữ liệu(PDF) 5 Page - RMT Ltd. |
|
|
|||||||||||||||||||||||||||||
2MC04-059-15AN bảng dữ liệu(HTML) 5 Page - RMT Ltd. |
|
5 / 8 page ![]() 46 Warshavskoe shosse. Moscow 115230 Russia, ph: +7-499-678-2082, fax: +7-499-678-2083, web: www.rmtltd.ru Copyright 2012. RMT Ltd. The design and specifications of products can be changed by RMT Ltd without notice. Page 5 of 8 TEC Polarity Terminal Wires Options TEC Polarity can be modified by request. The specified polarity in this datasheet is typical. It can be reversed in accordance to Customer application requirements. The wires are of tinned Copper, blank (not isolated) by default. Various options for isolated wires are available by request. The available solutions include isolated wires, isolated color-coded wires, flexible multicore wires and more. Customized Au patterns on thermoelectric cooler cold side are available by request. Selective Pre- tinning over pattern is also available. Please, contact RMT Ltd for additional information about customized Au patterns requirements. + - + - Additional Options Thermoelectric Cooling Solutions Standard 2-stage TEC height can be modified without performance changes by using ceramics of different thickness. Standard 2-stage thermoelectric cooler height (specified in this datasheet) may be modified in a range -0.75..+1.5mm by request. TEC Cold Side can be modified by request. The dimensions and shape of 2-stage thermoelectric cooler can be revised to Customer application. RMT Ltd has full-featured flexibility in TEC design and modification. Customized Au Patterns Cold Side modification TEC Height modification Standard polarity Reversed polarity Standard wires, tinned Copper Isolated wires Customized Au pattern on cold side Selective pre-tinning over pattern Standard shape Round-shaped cold side Standard height Modified height, another ceramics thickness |