| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
D4NS-1AF bảng dữ liệu(PDF) 5 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
D4NS-1AF bảng dữ liệu(HTML) 5 Page - Omron Electronics LLC |
|
5 / 12 page ![]() D4NS 5 Structure and Nomenclature Structure Contact Form Diagrams Show State with Key Inserted. * MBB (Make Before Break) contacts have an overlapping structure, so that before the normally closed contact (NC) opens, the normally open contact (NO) closes. Model Contact Contact form Operating pattern Remarks D4NS- @A@ D4NS- @AF-SJ 1NC/1NO D4NS- @B@ D4NS- @BF-SJ 2NC D4NS- @C@ D4NS- @CF-SJ 2NC/1NO D4NS- @D@ D4NS- @DF-SJ 3NC D4NS- @E@ 1NC/1NO MBB * D4NS- @F@ 2NC/1NO MBB * Terminal 12 Terminal 32 (34) Terminal 31 (33) Terminal 32 (34) Terminal 31 (33) Terminal 22 Terminal 12 Terminal 21 Terminal 11 Terminal 11 Note: The 2-conduit models have the same terminal arrangement. Operation key hole Head The head can be mounted in four directions. Sealing properties The switch casing ensures IP67 D4NS- @C@, D4NS-@D@, D4NS-@F@, D4NS- @CF-SJ, D4NS-@DF-SJ D4NS- @A@, D4NS-@B@, D4NS-@E@, D4NS- @AF-SJ, D4NS-@BF-SJ 11 Zb 33 12 34 11-12 33-34 ON Extraction completion position Operation Key insertion completion position Stroke Only NC contacts 11-12 have a certified direct opening mechanism. The terminals 11-12 and 33-34 can be used as unlike poles. 11 31 12 32 Zb 11-12 31-32 ON Extraction completion position Operation Key insertion completion position Stroke NC contacts 11-12 and 31-32 have a certified direct opening mechanism. The terminals 11-12 and 31-32 can be used as unlike poles. 33 34 11 21 12 22 Zb 21-22 33-34 11-12 ON Extraction completion position Operation Key insertion completion position Stroke NC contacts 11-12 and 21-22 have a certified direct opening mechanism. The terminals 11-12, 21-22, and 33-34 can be used as unlike poles. 11 21 12 22 31 32 Zb 11-12 21-22 31-32 ON Extraction completion position Operation Key insertion completion position Stroke NC contacts 11-12, 21-22, and 31-32 have a certified direct opening mechanism. The terminals 11-12, 21-22, and 31-32 can be used as unlike poles. 11 33 12 34 Zb 11-12 33-34 ON Extraction completion position Operation Key insertion completion position Stroke Only NC contacts 11-12 have a certified direct opening mechanism. The terminals 11-12 and 33-34 can be used as unlike poles. 33 34 11 21 12 22 Zb 11-12 21-22 33-34 ON Extraction completion position Operation Key insertion completion position Stroke NC contacts 11-12 and 21-22 have a certified direct opening mechanism. The terminals 11-12, 21-22 and 33-34 can be used as unlike poles. |