| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32F101xB bảng dữ liệu(PDF) 49 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F101xB bảng dữ liệu(HTML) 49 Page - STMicroelectronics |
|
49 / 89 page ![]() STM32F101x8, STM32F101xB Electrical characteristics Doc ID 13586 Rev 15 49/89 Low-speed internal (LSI) RC oscillator Wakeup time from low-power mode The wakeup times given in Table 25 are measured on a wakeup phase with an 8-MHz HSI RC oscillator. The clock source used to wake up the device depends from the current operating mode: ● Stop or Standby mode: the clock source is the RC oscillator ● Sleep mode: the clock source is the clock that was set before entering Sleep mode. All timings are derived from tests performed under the ambient temperature and VDD supply voltage conditions summarized in Table 8. 5.3.8 PLL characteristics The parameters given in Table 26 are derived from tests performed under the ambient temperature and VDD supply voltage conditions summarized in Table 8. Table 24. LSI oscillator characteristics (1) 1. VDD = 3 V, TA = –40 to 85 °C unless otherwise specified. Symbol Parameter Min Typ Max Unit fLSI (2) 2. Based on characterization, not tested in production. Frequency 30 40 60 kHz tsu(LSI) (3) 3. Guaranteed by design, not tested in production. LSI oscillator startup time 85 µs IDD(LSI) (3) LSI oscillator power consumption 0.65 1.2 µA Table 25. Low-power mode wakeup timings Symbol Parameter Typ Unit tWUSLEEP (1) 1. The wakeup times are measured from the wakeup event to the point at which the user application code reads the first instruction. Wakeup from Sleep mode 1.8 µs tWUSTOP (1) Wakeup from Stop mode (regulator in run mode) 3.6 µs Wakeup from Stop mode (regulator in low-power mode) 5.4 tWUSTDBY (1) Wakeup from Standby mode 50 µs Table 26. PLL characteristics Symbol Parameter Value Unit Min(1) Typ Max(1) fPLL_IN PLL input clock(2) 18.0 25 MHz PLL input clock duty cycle 40 60 % fPLL_OUT PLL multiplier output clock 16 36 MHz |