công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SPC5607BF1MLU6 bảng dữ liệu(PDF) 4 Page - Freescale Semiconductor, Inc

tên linh kiện SPC5607BF1MLU6
Giải thích chi tiết về linh kiện  Microcontroller Data Sheet
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5607BF1MLU6 bảng dữ liệu(HTML) 4 Page - Freescale Semiconductor, Inc

  SPC5607BF1MLU6 Datasheet HTML 1Page - Freescale Semiconductor, Inc SPC5607BF1MLU6 Datasheet HTML 2Page - Freescale Semiconductor, Inc SPC5607BF1MLU6 Datasheet HTML 3Page - Freescale Semiconductor, Inc SPC5607BF1MLU6 Datasheet HTML 4Page - Freescale Semiconductor, Inc SPC5607BF1MLU6 Datasheet HTML 5Page - Freescale Semiconductor, Inc SPC5607BF1MLU6 Datasheet HTML 6Page - Freescale Semiconductor, Inc SPC5607BF1MLU6 Datasheet HTML 7Page - Freescale Semiconductor, Inc SPC5607BF1MLU6 Datasheet HTML 8Page - Freescale Semiconductor, Inc SPC5607BF1MLU6 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 110 page
background image
MPC5607B Microcontroller Data Sheet, Rev. 6
Introduction
Freescale Semiconductor
4
CAN (FlexCAN)
6
I2C1
32 KHz oscillator
Yes
GPIO10
77
121
149
121
149
Debug
JTAG
N2+
Package
100
LQFP
144
LQFP
176
LQFP
144
LQFP
176
LQFP
176
LQFP
208 MAP
BGA11
1 Feature set dependent on selected peripheral multiplexing; table shows example
2 Based on 125
C ambient operating temperature
3 Not shared with 12-bit ADC, but possibly shared with other alternate functions
4 Not shared with 10-bit ADC, but possibly shared with other alternate functions
5 See the eMIOS section of the chip reference manual for information on the channel configuration and functions.
6 Each channel supports a range of modes including Modulus counters, PWM generation, Input Capture, Output
Compare.
7 Each channel supports a range of modes including PWM generation with dead time, Input Capture, Output
Compare.
8 Each channel supports a range of modes including PWM generation, Input Capture, Output Compare, Period and
Pulse width measurement.
9 Each channel supports a range of modes including PWM generation, Input Capture, and Output Compare.
10 Maximum I/O count based on multiplexing with peripherals
11 208 MAPBGA available only as development package for Nexus2+
Table 1. MPC5607B family comparison1 (continued)
Feature
MPC5605B
MPC5606B
MPC5607B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com