| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HCPL-7720 bảng dữ liệu(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED |
|
|
|||||||||||||||||||||||||||||
HCPL-7720 bảng dữ liệu(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED |
|
2 / 18 page ![]() 2 Selection Guide 8-Pin DIP Small Outline (300 Mil) SO-8 Data Rate PWD HCPL-7721 HCPL-0721 25 MB 6 ns HCPL-7720 HCPL-0720 25 MB 8 ns Ordering Information HCPL-0720, HCPL-0721, HCPL-7720 and HCPL-7721 are UL Recognized with 3750 Vrms for 1 minute per UL1577. Option Part RoHS non RoHS Surface Gull Tape UL 5000 Vrms/ IEC/EN/DIN Number Compliant Compliant Package Mount Wing & Reel 1 Minute rating EN 60747-5-5 Quantity -000E no option 50 per tube -300E #300 X X 50 per tube -500E #500 X X X 1000 per reel HCPL-7720 -020E -020 300 mil X 50 per tube HCPL-7721 -320E -320 DIP-8 X X X 50 per tube -520E -520 X X X X 1000 per reel -060E #060 X 50 per tube -360E #360 X X X 50 per tube -560E #560 X X X X 1000 per reel -000E no option X X 100 per tube HCPL-0720 -500E #500 SO-8 X X X 1500 per reel HCPL-0721 -060E #060 X X X 100 per tube -560E #560 X X X X 1500 per reel To order, choose a part number from the part number column and combine with the desired option from the option column to form an order entry. Example 1: HCPL-7720-560E to order product of Gull Wing Surface Mount package in Tape and Reel packaging with IEC/EN/DIN EN 60747-5-5 Safety Approval and RoHS compliant. Example 2: HCPL-0721 to order product of Small Outline SO-8 package in Tube packaging and non RoHS compliant. Option datasheets are available. Contact your Avago sales representative or authorized distributor for information. Remarks: The notation ‘#XXX’ is used for existing products, while (new) products launched since July 15, 2001 and RoHS compliant will use ‘–XXXE.’ |