| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ZPSD301-B-90LI bảng dữ liệu(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ZPSD301-B-90LI bảng dữ liệu(HTML) 6 Page - STMicroelectronics |
|
6 / 85 page ![]() Obsolete Product(s) - Obsolete Product(s) Obsolete Product(s) - Obsolete Product(s) PSD3XX Family 3 PROG. PORT EXP. PORT C PC0– PC2 ES0 ES1 ES2 ES3 ES4 ES5 ES6 ES7 PROG. CONTROL SIGNALS A19/CSI RESET WR/R/W RD/E/DS ALE/AS BHE/PSEN PAD A RESET WR ALE/AS RD PAD B A11–A15 PROG. PORT EXP. PORT B PB0– PB7 PROG. PORT EXP. PORT A PA0– PA7 A19/CSI RESET ALE/AS A19/CSI A8–A10 WR RD ALE/AS L A T C H L A T C H AD8–AD15 AD0–AD7 D8–D15 13 P.T. 27 P.T. OPTIONAL PAGE LOGIC * LOGIC IN EPROM 256Kb TO 1Mb A16–A18 CS8– CS10 CS0– CS7 OPTIONAL SRAM 16K BIT ** D0–D7 RS0 A0–A7 AD0–AD7/D0–D7 D8–D15 CSIOPORT PROG. CHIP CONFIGURATION X8, X16 MUX or NON–MUX BUSSES SECURITY MODE 16/8 MUX CSIOPORT TRACK MODE SELECTS P3–P0 Figure 1. PSD3XX Family Architecture **Not available for 3X1 devices. **SRAM not available on “R” versions. Obsolete Product(s) - Obsolete Product(s) |