| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD8351ARMZ bảng dữ liệu(PDF) 14 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD8351ARMZ bảng dữ liệu(HTML) 14 Page - Analog Devices |
|
14 / 16 page ![]() REV. B –14– AD8351 EVALUATION BOARD An evaluation board is available for experimentation. Various parameters such as gain, common-mode level, and input and output network configurations can be modified through minor resistor changes. The schematic and evaluation board artwork are presented in Figures 15, 16, and 17. Figure 16. Component Side Layout Figure 17. Component Side Silkscreen 2 1 3 4 5 9 10 8 7 6 PWUP VOCM RGP1 VPOS INHI OPHI INLO OPLO RGP2 COMM AD8351 10 PIN mSOIC R2 24.9 R1 100 R7 0 R5 0 R8 0 R4 24.9 R3 OPEN R12 0 J1 RF_IN+ J2 RF_IN– R15 0 R16 0 C6 100nF C7 100nF R10 61.9 T2 1:1 ETC1-1-13 (MACOM) R14 0 R13 OPEN R11 61.9 R9 61.9 J3 RF_OUT+ J4 RF_OUT– C3 0.1 F R6 OPEN R17 0 C2 100nF AGND VPOS P1 R18 0 W1 C4 100nF C5 100nF T1 1:1 ETC1-1-13 (MACOM) C10 100nF C9 100nF T3 1:1 ETC1-1-13 (MACOM) J5 TEST IN2 T4 1:1 ETC1-1-13 (MACOM) J6 TEST OUT2 Figure 15. Evaluation Board Schematic |