| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PSD301-B-90LI bảng dữ liệu(PDF) 71 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PSD301-B-90LI bảng dữ liệu(HTML) 71 Page - STMicroelectronics |
|
71 / 85 page ![]() Obsolete Product(s) - Obsolete Product(s) Obsolete Product(s) - Obsolete Product(s) PSD3XX Family 68 Family: Plastic Leaded Chip Carrier Millimeters Inches Symbol Min Max Notes Min Max Notes A 4.19 4.57 0.165 0.180 A1 2.54 2.79 0.100 0.110 A2 3.76 3.96 0.148 0.156 B 0.33 0.53 0.013 0.021 B1 0.66 0.81 0.026 0.032 C 0.246 0.262 0.0097 0.0103 D 17.40 17.65 0.685 0.695 D1 16.51 16.61 0.650 0.654 D2 14.99 16.00 0.590 0.630 D3 12.70 Reference 0.500 Reference E 17.40 17.65 0.685 0.695 E1 16.51 16.61 0.650 0.654 E2 14.99 16.00 0.590 0.630 E3 12.70 Reference 0.500 Reference e1 1.27 Reference 0.050 Reference N44 44 030195R6 Drawing J2 – 44-Pin Plastic Leaded Chip Carrier (PLDCC) (Package Type J) D3 B A1 A2 E1 E D2 A E2 C D D1 44 1 2 3 E3 e1 B1 21.0 Package Drawings Obsolete Product(s) - Obsolete Product(s) |