| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PSD301-B-70M bảng dữ liệu(PDF) 58 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PSD301-B-70M bảng dữ liệu(HTML) 58 Page - STMicroelectronics |
|
58 / 85 page ![]() Obsolete Product(s) - Obsolete Product(s) Obsolete Product(s) - Obsolete Product(s) PSD3XX Family 55 Figure 31. Timing of 8-Bit Non-Multiplexed Address/Data Bus Using R/W, E or R/W, DS (PSD3X2/3X3) 8 DATA VALID CSI/A19 as CSI 1 7 15 32 32 14 14 6 6 10 9 2 3 35 32 32 2 16 17 READ CYCLE WRITE CYCLE STABLE INPUT STABLE INPUT A0/AD0- A15/AD15 as A0-A15 STABLE INPUT STABLE INPUT Direct (1) PAD Input Multiplexed (2) Inputs DATA IN PA0-PA7 Active Low ALE Active High ALE 1 3 35 36 18 19 33 13 20 INPUT OUTPUT Any of PB0-PB7 as I/O Pin 4 34 34 33 12 5 12 13 RD/E/DS as E RD/E/DS as E RD/E/DS as E RD/E/DS as E WR/VPP or R/W as R/W RD/E/DS as DS See referenced notes on page 64. Obsolete Product(s) - Obsolete Product(s) |