| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M24C16-F bảng dữ liệu(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24C16-F bảng dữ liệu(HTML) 29 Page - STMicroelectronics |
|
29 / 38 page ![]() M24C16, M24C08, M24C04, M24C02, M24C01 Package mechanical data Doc ID 5067 Rev 17 29/38 Figure 14. SO8 narrow – 8 lead plastic small outline, 150 mils body width, package outline 1. Drawing is not to scale. 2. The ‘1’ that appears in the top view of the package shows the position of pin 1 and the ‘N’ indicates the total number of pins. Table 20. SO8 narrow – 8 lead plastic small outline, 150 mils body width, package mechanical data Symbol millimeters inches(1) 1. Values in inches are converted from mm and rounded to 4 decimal digits. Typ Min Max Typ Min Max A - - 1.750 - - 0.0689 A1 - 0.100 0.250 - 0.0039 0.0098 A2 - 1.250 - - 0.0492 - b - 0.280 0.480 - 0.0110 0.0189 c - 0.170 0.230 - 0.0067 0.0091 ccc - - 0.100 - - 0.0039 D 4.900 4.800 5 0.1929 0.1890 0.1969 E 6.000 5.800 6.200 0.2362 0.2283 0.2441 E1 3.900 3.800 4.000 0.1535 0.1496 0.1575 e 1.270 - - 0.0500 - - h - 0.250 0.500 - 0.0098 0.0197 k- 0° 8° - 0° 8° L - 0.400 1.270 - 0.0157 0.0500 L1 1.040 0.0409 SO-A E1 8 ccc b e A D c 1 E h x 45˚ A2 k 0.25 mm L L1 A1 GAUGE PLANE |