công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

WM8731CSEFL/R bảng dữ liệu(PDF) 8 Page - Wolfson Microelectronics plc

tên linh kiện WM8731CSEFL/R
Giải thích chi tiết về linh kiện  Portable Internet Audio CODEC with Headphone Driver and Programmable Sample Rates
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WOLFSON [Wolfson Microelectronics plc]
Trang chủ  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8731CSEFL/R bảng dữ liệu(HTML) 8 Page - Wolfson Microelectronics plc

Back Button WM8731CSEFL/R Datasheet HTML 4Page - Wolfson Microelectronics plc WM8731CSEFL/R Datasheet HTML 5Page - Wolfson Microelectronics plc WM8731CSEFL/R Datasheet HTML 6Page - Wolfson Microelectronics plc WM8731CSEFL/R Datasheet HTML 7Page - Wolfson Microelectronics plc WM8731CSEFL/R Datasheet HTML 8Page - Wolfson Microelectronics plc WM8731CSEFL/R Datasheet HTML 9Page - Wolfson Microelectronics plc WM8731CSEFL/R Datasheet HTML 10Page - Wolfson Microelectronics plc WM8731CSEFL/R Datasheet HTML 11Page - Wolfson Microelectronics plc WM8731CSEFL/R Datasheet HTML 12Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 65 page
background image
WM8731 / WM8731L
Production Data
w
PD, Rev 4.9, October 2012
8
Test Conditions
AVDD, HPVDD, DBVDD = 3.3V, AGND = 0V, DCVDD = 1.5V, DGND = 0V, TA = +25
oC, Slave Mode, fs = 48kHz, XTI/MCLK =
256fs unless otherwise stated.
Microphone Input to ADC @ 0dB Gain, fs = 48kHz (40kΩ Source Impedance. See Figure 12)
Input Signal Level (0dB)
VINMIC
1.0
AVDD/3.3
Vrms
Signal to Noise Ratio
(Note 1,3)
SNR
A-weighted, 0dB gain
85
dB
Dynamic Range (Note 3)
DR
A-weighted, -60dB full
scale input
85
dB
Total Harmonic Distortion
THD
0dB input, 0dB gain
-60
-55
dB
Power Supply Rejection Ratio
PSRR
1kHz 100mVpp
50
dB
20Hz to 20kHz
100mVpp
45
dB
Programmable Gain Boost
MICBOOST bit
set
1kHz input
Rsource < 50Ω
34
dB
Mic Path gain (MICBOOST gain
is additional to this nominal
gain)
MICBOOST = 0
Rsource < 50Ω
14
dB
Mute attenuation
0dB, 1kHz input
80
dB
Input Resistance
RINMIC
10k
Ω
Input Capacitance
CINMIC
10
pF
Microphone Bias
Bias Voltage
VMICBIAS
0.75*AVDD –
100mV
0.75*AVDD 0.75*AVDD +
100mV
V
Bias Current Source
IMICBIAS
3
mA
Output Noise Voltage
Vn
1K to 20kHz
25
nV/
Hz
Line Output for DAC Playback Only (Load = 10kΩ. 50pF)
0dBfs Full scale output voltage
At LINE outputs
1.0 x
AVDD/3.3
Vrms
Signal to Noise Ratio
(Note 1,3)
SNR
A-weighted,
@ fs = 48kHz
95
100
dB
A-weighted
@ fs = 96kHz
98
A-weighted,
fs = 48kHz,
AVDD = 2.7V
98
Dynamic Range (Note 3)
DR
A-weighted, -60dB
full scale input
85
95
dB
Total Harmonic Distortion
THD
1kHz, 0dBfs
-88
-80
dB
1kHz, -3dBfs
-92
Power Supply Rejection Ratio
PSRR
1kHz 100mVpp
50
dB
20Hz to 20kHz
100mVpp
45
DAC channel separation
1kHz, 0dB
100
dB
Analogue Line Input to Line Output (Load = 10kΩ. 50pF, No Gain on Input ) Bypass Mode
0dB Full scale output voltage
1.0 x
AVDD/3.3
Vrms
Signal to Noise Ratio
(Note 1,3)
SNR
90
95
dB
Total Harmonic Distortion
THD
1kHz, 0dB
-86
-80
dB
1kHz, -3dB
-92
Power Supply Rejection Ratio
PSSR
1kHz 100mVpp
50
dB
20Hz to 20kHz
100mVpp
45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com