công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DF005S bảng dữ liệu(PDF) 1 Page - Fairchild Semiconductor

tên linh kiện DF005S
Giải thích chi tiết về linh kiện  1.5 Ampere Bridge Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DF005S bảng dữ liệu(HTML) 1 Page - Fairchild Semiconductor

  DF005S Datasheet HTML 1Page - Fairchild Semiconductor DF005S Datasheet HTML 2Page - Fairchild Semiconductor DF005S Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DF005S-DF10S, Rev. A
DF005S - DF10S
1.5 Ampere Bridge Rectifiers
Absolute Maximum Ratings*
T
A
= 25°C unless otherwise noted
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
**Device mounted on PCB with 0.5 x 0.5" (13 x 13 mm).
Electrical Characteristics
T
A
= 25°C unless otherwise noted
©1998 Fairchild Semiconductor Corporation
Features
Surge overload rating: 50 amperes
peak.
Glass passivated junction.
Low leakage.
Parameter
Device
Units
005S
01S
02S
04S
06S
08S
10S
Peak Repetitive Reverse Voltage
50
100
200
400
600
800
1000
V
Maximum RMS Bridge Input Voltage
35
70
140
280
420
560
700
V
DC Reverse Voltage
(Rated VR)
50
100
200
400
600
800
1000
V
Maximum Reverse Leakage,
total bridge @ rated VR TA = 25
°C
TA = 125
°C
5.0
500
µA
µA
Maximum Forward Voltage Drop,
per bridge
@ 1.0 A
1.1
V
I
2t rating for fusing
t < 8.35 ms
10
A
2Sec
Typical Junction Capacitance, per leg
VR = 4.0 V, f = 1.0 MHz
25
pF
Symbol
Parameter
Value
Units
IO
Average Rectified Current
@ TA = 40
°C
1.5
A
if(surge)
Peak Forward Surge Current
8.3 ms single half-sine-wave
Superimposed on rated load (JEDEC method)
50
A
PD
Total Device Dissipation
Derate above 25
°C
3.1
25
W
mW/
°C
RθJA
Thermal Resistance, Junction to Ambient,** per leg
40
°C/W
Tstg
Storage Temperature Range
-55 to +150
°C
TJ
Operating Junction Temperature
-55 to +150
°C
SDIP
0.060 (1.524)
0.040 (1.016)
0.135 (3.429)*
0.115 (2.921)*
0.008 (0.203)
0.004 (0.102)
0.410 (10.414)
0.360 ( 9.144)
0.310 (7.874)
0.290 (7.366)
0.009 (0.229)
Typical
0.205 (5.207)
0.195 (4.953)
0.042 (1.067)
0.038 (0.965)
0.255 (6.477)
0.245 (6.223)
0.335 (8.509)
0.320 (8.128)
LOW PROFILE ALSO AVAILABLE
BODY - - 0.102 (2.591)*
0.095 (2.413)*
Dimensions are in:
inches (mm)
Discrete POWER & Signal
Technologies


Số phần tương tự - DF005S

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Won-Top Electronics
DF005S WTE-DF005S Datasheet
57Kb / 3P
1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zowie Technology Corpor...
DF005S ZOWIE-DF005S Datasheet
48Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Jinan Gude Electronic D...
DF005S JGD-DF005S Datasheet
137Kb / 2P
SINGLE PHASE 1.0AMP GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Shanghai Sunrise Electr...
DF005S SSE-DF005S Datasheet
14Kb / 1P
SINGLE PHASE GLASS PASSIVATED SURFACE MOUNT BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
DF005S CHENYI-DF005S Datasheet
139Kb / 2P
SINGLE PHASE GLASS PASSIVATED SURFACE MOUNT BRIDGE RECTIFIER
More results

Mô tả tương tự - DF005S

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
1N5391 FAIRCHILD-1N5391 Datasheet
35Kb / 2P
1.5 Ampere General Purpose Rectifiers
2KBP005M FAIRCHILD-2KBP005M Datasheet
42Kb / 3P
2.0 Ampere Bridge Rectifiers
DF005M FAIRCHILD-DF005M Datasheet
33Kb / 2P
1.5 Ampere Bridge Rectifiers
GBU4A FAIRCHILD-GBU4A Datasheet
743Kb / 3P
4.0 Ampere Bridge Rectifiers
GBU6A FAIRCHILD-GBU6A Datasheet
858Kb / 3P
6.0 Ampere Bridge Rectifiers
KBP005M FAIRCHILD-KBP005M Datasheet
323Kb / 3P
1.5 Ampere Bridge Rectifiers
S2A FAIRCHILD-S2A Datasheet
38Kb / 3P
1.5 Ampere Glass Passivated Rectifiers
W005G FAIRCHILD-W005G Datasheet
163Kb / 3P
1.5 Ampere Glass Passivated Bridge Rectifiers
logo
List of Unclassifed Man...
T2SBA40 ETC1-T2SBA40 Datasheet
39Kb / 2P
1.5-AMPERE SILICON BRIDGE RECTIFIER
logo
Microdiode Semiconducto...
MDDDB151S CHENDA-MDDDB151S Datasheet
79Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS Current - 1.5 Ampere
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com