công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC950 bảng dữ liệu(PDF) 6 Page - Motorola, Inc

tên linh kiện MPC950
Giải thích chi tiết về linh kiện  LOW VOLTAGE PLL CLOCK DRIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC950 bảng dữ liệu(HTML) 6 Page - Motorola, Inc

Back Button MPC950 Datasheet HTML 2Page - Motorola, Inc MPC950 Datasheet HTML 3Page - Motorola, Inc MPC950 Datasheet HTML 4Page - Motorola, Inc MPC950 Datasheet HTML 5Page - Motorola, Inc MPC950 Datasheet HTML 6Page - Motorola, Inc MPC950 Datasheet HTML 7Page - Motorola, Inc MPC950 Datasheet HTML 8Page - Motorola, Inc MPC950 Datasheet HTML 9Page - Motorola, Inc MPC950 Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
MPC950 MPC951
MOTOROLA
TIMING SOLUTIONS
BR1333 — Rev 6
6
Using the MPC951 as a Zero Delay Buffer
The external feedback option of the MPC951 clock driver
allows for its use as a zero delay buffer. By using one of the
outputs as a feedback to the PLL the propagation delay
through the device is eliminated. The PLL works to align the
output edge with the input reference edge thus producing a
near zero delay. The input reference frequency affects the
static phase offset of the PLL and thus the relative delay
between the inputs and outputs.
When used as a zero delay buffer the MPC951 will likely
be in a nested clock tree application. For these applications
the MPC951 offers a LVPECL clock input as a PLL reference.
This allows the user to use LVPECL as the primary clock
distribution device to take advantage of its far superior skew
performance. The MPC951 then can lock onto the LVPECL
reference and translate with near zero delay to low skew
LVCMOS outputs. Clock trees implemented in this fashion
will show significantly tighter skews than trees developed
from CMOS fanout buffers.
To minimize part–to–part skew the external feedback
option again should be used. The PLL in the MPC951
decouples the delay of the device from the propagation delay
variations of the internal gates. From the specification table
one sees a Tpd variation of only
±200ps, thus for multiple
devices under identical configurations the part–to–part skew
will be around 1000ps (350ps for Tpd variation plus 350ps
output–to–output skew plus 300ps for I/O jitter). By running
the devices at the highest possible input reference, this
part–to– part skew can be minimized. Higher input reference
frequencies will minimize both I/O jitter and tpd variations.
Table 1. Programmable Output Frequency Relationships
INPUTS
OUTPUTS
fsela
fselb
fselc
fseld
Qa
Qb
Qc
Qd
0
0
0
0
VCO/2
VCO/4
VCO/4
VCO/4
0
0
0
1
VCO/2
VCO/4
VCO/4
VCO/8
0
0
1
0
VCO/2
VCO/4
VCO/8
VCO/4
0
0
1
1
VCO/2
VCO/4
VCO/8
VCO/8
0
1
0
0
VCO/2
VCO/8
VCO/4
VCO/4
0
1
0
1
VCO/2
VCO/8
VCO/4
VCO/8
0
1
1
0
VCO/2
VCO/8
VCO/8
VCO/4
0
1
1
1
VCO/2
VCO/8
VCO/8
VCO/8
1
0
0
0
VCO/4
VCO/4
VCO/4
VCO/4
1
0
0
1
VCO/4
VCO/4
VCO/4
VCO/8
1
0
1
0
VCO/4
VCO/4
VCO/8
VCO/4
1
0
1
1
VCO/4
VCO/4
VCO/8
VCO/8
1
1
0
0
VCO/4
VCO/8
VCO/4
VCO/4
1
1
0
1
VCO/4
VCO/8
VCO/4
VCO/8
1
1
1
0
VCO/4
VCO/8
VCO/8
VCO/4
1
1
1
1
VCO/4
VCO/8
VCO/8
VCO/8
Table 2. Input Reference versus Output Frequency Relationships (MPC950 Only)
FB_Sel = ‘1’
FB_Sel = ‘0’
Config
fsela
fselb
fselc
fseld
Qa
Qb
Qc
Qd
Qa
Qb
Qc
Qd
1
0
0
0
0
4x
2x
2x
2x
8x
4x
4x
4x
2
0
0
0
1
4x
2x
2x
x
8x
4x
4x
2x
3
0
0
1
0
4x
2x
x
2x
8x
4x
2x
4x
4
0
0
1
1
4x
2x
x
x
8x
4x
2x
2x
5
0
1
0
0
4x
x
2x
2x
8x
2x
4x
4x
6
0
1
0
1
4x
x
2x
x
8x
2x
4x
2x
7
0
1
1
0
4x
x
x
2x
8x
2x
2x
4x
8
0
1
1
1
4x
x
x
x
8x
2x
2x
2x
9
1
0
0
0
2x
2x
2x
2x
4x
4x
4x
4x
10
1
0
0
1
2x
2x
2x
x
4x
4x
4x
2x
11
1
0
1
0
2x
2x
x
2x
4x
4x
2x
4x
12
1
0
1
1
2x
2x
x
x
4x
4x
2x
2x
13
1
1
0
0
2x
x
2x
2x
4x
2x
4x
4x
14
1
1
0
1
2x
x
2x
x
4x
2x
4x
2x
15
1
1
1
0
2x
x
x
2x
4x
2x
2x
4x
16
1
1
1
1
2x
x
x
x
4x
2x
2x
2x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13