| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MS-101005 bảng dữ liệu(PDF) 20 Page - Amphenol Corporation |
|
|
|||||||||||||||||||||||||||||
MS-101005 bảng dữ liệu(HTML) 20 Page - Amphenol Corporation |
|
20 / 40 page ![]() Insert Arrangements Front face of pin insert or rear of socket insert illustrated CONTACT LEGEND 16 12 8 4 0 S R Q P A B C D E F G H J K Z Y X M L N U T d e a b c k j m h g V f W A B E M N L K O U Y Z a h d e l f g m p s k j n r u w v y z y b c T V W X P R S C D G J I F H M S D I O U E A B H P J K F C G L N R T X W c b f e Y V Z d a P N M L A B C K J H G F E Q D R S Insert arrangement Service rating Number of contacts Contact size Premating contact Insert arrangement Service rating Number of contacts Contact size Premating contact *36-15 M=D;Bal=A 35 16 J *36-16 A 7 40 12 16 x or y 100 rotation of 36-7 o A B E M N L K O U Y Z a h d e l f g m p s k j n r u w v y z y b c T V W X P R S C D G J I F H *36-17 A 7 40 12 16 x or y 250 rotation of 36-7 o Insert arrangement Service rating Number of contacts Contact size Premating contact *36-13 N,P,Q=E;Bal.=A 2 15 12 16 A B K J I H G N M F E D L Q P C *36-14 D 5 5 6 8 12 16 *36-18 A 1 2 14 16 4 8 12 16 100 rotation of 36-9 o R S T U V W X Y Z a b c d e h j k m f g P H J C D E F G B A K L N M *36-20 A 2 2 30 8 12 16 k A E L M N P R S T a b c d f g h i j k m n p q r s t u v w x y z AA AB AC AD AE AF AH U V W X Y Z F H J K B C D 36-52 A 52 16 18 MS And 97B Series *Not tooled up, can be tooled up on request. Contact Factory. 40-56 A 85 16 N P R S T U V W X Y Z a c d f h j k m n p r s t u v w x y z b g i p A A B A AC AD AE AF AH AJ AK AL AM AN AP AR AS AT AU AV AW AX AY AZ BA BB BC BD BE BF BH BJ BK LB BM BN BP BR BS BT BU BV X Y W Z 40 - 56 A C D E F H J K L M B 36-46 A 27 16 40-63 A 61 16 A E L M N P R S T a b c d U V W X Y Z F H J K B C D G AMPHENOL |