công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

L2SC4617ST3G bảng dữ liệu(PDF) 4 Page - Leshan Radio Company

tên linh kiện L2SC4617ST3G
Giải thích chi tiết về linh kiện  General Purpose Transistors NPN Silicon
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LRC [Leshan Radio Company]
Trang chủ  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

L2SC4617ST3G bảng dữ liệu(HTML) 4 Page - Leshan Radio Company

  L2SC4617ST3G Datasheet HTML 1Page - Leshan Radio Company L2SC4617ST3G Datasheet HTML 2Page - Leshan Radio Company L2SC4617ST3G Datasheet HTML 3Page - Leshan Radio Company L2SC4617ST3G Datasheet HTML 4Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
G
M
0.08 (0.003)
X
D 3 PL
J
-X-
-Y-
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETERS
3. MAXIMUM LEAD THICKNESS INCLUDES LEAD
FINISH THICKNESS. MINIMUM LEAD THICKNESS
IS THE MINIMUM THICKNESS OF BASE
MATERIAL.
4. 463C-01 OBSOLETE, NEW STANDARD 463C-02.
A
B
Y
12
3
N
2 PL
K
C
-T-
SEATING
PLANE
DIM
A
MIN
NOM
MIN
NOM
INCHES
1.50
1.60
1.70
0.059
MILLIMETERS
B
0.75
0.85
0.95
0.030
C
0.60
0.70
0.80
0.024
D
0.23
0.28
0.33
0.009
G
0.50 BSC
H
0.53 REF
J
0.10
0.15
0.20
0.004
K
0.30
0.40
0.50
0.012
L
1.10 REF
M
−−−
−−−
10
−−−
N
−−−
−−−
10
−−−
S
1.50
1.60
1.70
0.059
0.063
0.067
0.034
0.040
0.028
0.031
0.011
0.013
0.020 BSC
0.021 REF
0.006
0.008
0.016
0.020
0.043 REF
−−−
10
−−−
10
0.063
0.067
MAX
MAX
_
_
_
_
M
H
H
L
G
RECOMMENDED PATTERN
OF SOLDER PADS
S
LESHAN RADIO COMPANY, LTD.
SC-89
L2SC4617QT1G
Series
Rev.O 4/4



Html Pages

1 2 3 4