| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32F101xC bảng dữ liệu(PDF) 92 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F101xC bảng dữ liệu(HTML) 92 Page - STMicroelectronics |
|
92 / 112 page ![]() Electrical characteristics STM32F101xC, STM32F101xD, STM32F101xE 92/112 Doc ID 14610 Rev 8 Figure 48. SPI timing diagram - master mode(1) 1. Measurement points are done at CMOS levels: 0.3VDD and 0.7VDD. 5.3.18 12-bit ADC characteristics Unless otherwise specified, the parameters given in Table 55 are derived from tests performed under ambient temperature, fPCLK2 frequency and VDDA supply voltage conditions summarized in Table 10. Note: It is recommended to perform a calibration after each power-up. ai14136 CPHA= 0 MOSI OUTUT MISO INP UT CPHA= 0 MS BIN M SB OUT BI T6 IN LSB OUT LSB IN CPOL=0 CPOL=1 B I T1 OUT NSS input tc(SCK) tw(SCKH) tw(SCKL) tr(SCK) tf(SCK) th(MI) High CPHA=1 CPHA=1 CPOL=0 CPOL=1 tsu(MI) tv(MO) th(MO) |