| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PL375-7 bảng dữ liệu(PDF) 53 Page - Emerson Network Power |
|
|
|||||||||||||||||||||||||||||
PL375-7 bảng dữ liệu(HTML) 53 Page - Emerson Network Power |
|
53 / 100 page ![]() 51 Ordering Loaded Panels Panels can be ordered pre-loaded with any compatible jacks without additional labor charge by using the following part number format (provided the mechanical restrictions are recognized). Example: JSI-48A/HDVDP: Standard 48-hole, Insulated Panel (JSI-48A), loaded with twenty four (24) Standard 75Ω Patch Jacks (HDVDPT) Panel Part Number JS: Aluminum (Gray).................................................................... JS JSI: Insulated (Gray).................................................................... (I) JSIB: Insulated (Black)............................................................... (IB) JSIX: Miniature Triax Insulated (Black)....................................... (IX) JSMW: Miniature Coax Insulated (Black)................................ (MW) Jack Part Number............................................................. JACK Panel Specifications Notching Metal panels (EIA-310-C): Open Phenolic (EIA-310-C): Closed Standard 19” Panels In popular sizes and configurations Available in insulated black phenolic, and insulated or non- insulated aluminum. Aluminum panels are painted standard gray and come with either a phenolic back bar (insulated type), or an iridited aluminum back bar (non-insulated type). Aluminum panels can be painted to suit, or color matched (special order). Phenolic panels are available in black only. Panels available in heights of 1.75” (1 RU) or 3.5” (2 RU). Custom Panels & Marking Custom panels can be configured to meet your specifications, including special wiring, colors, engraving, or silk-screening (custom marking). Patch jack locations can also be marked on the rear of the panel for easy location of jacks. Please contact your local representative. Front Loading Modular Panels are on page 12. Hole Plugs For Jacks and Panels Trompeter Patch Products Trompeter offers a wide selection of patching products for Military Databus, Telemetry, Telecom, Broadcast, CATV, and Testing. We offer these products for Twinax, Triax, and Coax cabling and in sizes to meet your space restrictions and environmental requirements. Aluminum Phenolic .1875 x .375 Nylon Bushing Non-insulated Insulated HP437 HP304 HP375 Patching Products / Standard Panel Specifications Hole Plugs For: Hole Diameter Part Number Miniature Patch Panel (J8) .250” HP250 Miniature Patch Jack (HDVDPM, J11) .304” HP304 Standard Patch Jack (HDVDP) .375” HP375 Standard Patch Panel (JS, JSI) .437” HP437 Standard Patch Panel .500” HP500 Materials JS Series, Common Ground Panels Panel: 6061-T6 Grade Aluminum Backbar: 6061-T6 Grade Aluminum JSI Series, Insulated Panels Panel: 6061-T6 Grade Aluminum Backbar: XXX Non-hydroscopic Phenolic Jack Insulation: Nylon Sleeves JSIB Series, Insulated Panels Panel: Black Arboron JSMW Series, Insulated Panel Panel: Black Arboron Finishes Standard Finish FED-STD-595-26307, Light Gray Customer Supplied FED-STD-595# or Paint Chip Chemical Film Finish MIL-C-5541, Class 1a (Gold Tone) MIL-C-5541, Class 3 (Clear) Indentification Designation Strip: Passivated Steel Standard Patch Panels: DS1 .580” x 16.6” Standard Patch Panels: DS2 .870” x 16.6” High Density Patch Panels: DS4 .240” x 16.6” Card: Opaque Vinyl Window: Clear Vinyl |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |