| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PL75MCS-213 bảng dữ liệu(PDF) 46 Page - Emerson Network Power |
|
|
|||||||||||||||||||||||||||||
PL75MCS-213 bảng dữ liệu(HTML) 46 Page - Emerson Network Power |
|
46 / 100 page ![]() 44 1.994 50,65 [ ] 3.295 83,69 [ ] .375 9,53 [ ] 1.494 37,95 [ ] 2X .375 9,53 [ ] .500 12,7 [ ] 1.295 32,89 [ ] .450 11,43 [ ] 2X Ø.347 8,81 [ ] 2.59 65,9 [ ] 2X .570 14,48 [ ] 1.177 29,9 [ ] 1.375 34,93 [ ] .625 15,88 [ ] .600 15,24 [ ] 2X .075 1,91 [ ] 1.635 41,53 [ ] 2X Ø.156 3,96 [ ] 2X Ø.447 11,35 [ ] BNC RECEPTACLES Patching Products / High Frequency Video Patching The HDVDPMN is superior quality, high bandwidth, dual video patch jack. This low profile, high performance component is designed for HDTV digital applications where space allocation is critical, such as in video truck application. It is ideal for situations where self-normalling is not practical, usually due to environmental considerations such as high ambient airborne particles or high vibration. When used in conjunction with the LPMWHF looping plug, a “normal-thru” circuit is achieved, which will pass the full 1.485 Gbps of uncompressed data (2.25GHz of frequency) needed for HDTV, with return loss performance which exceeds SMPTE292M requirements. This high performance is maintained when patching from one location to another, using the PCMWB-L patch cord (call customer service). HDTV Ready High Frequency 75 Ohm Dual Coaxial Mini-WECo Patch Jack with BNC Receptacles HDVDPMN HDTV Ready High Frequency 75 Ohm Dual Coaxial WECo Patch Jack with BNC Receptacles HDVDPN Note: uses the LPW-75 to normalize the circuit |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |