| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PL75S-9 bảng dữ liệu(PDF) 5 Page - Emerson Network Power |
|
|
|||||||||||||||||||||||||||||
PL75S-9 bảng dữ liệu(HTML) 5 Page - Emerson Network Power |
|
5 / 100 page ![]() 3 * Specifications are minimum unless otherwise stated. Trompeter connectors are designed to exceed all minimum specifications. MIL-STD-1553B Data Bus General Specifications Guide (cont’d) Twinax/Triax Connectors / Specifications Twinax/Triax Connectors / Specifications 70 Series 80 Series 150 Series 450 Series Characteristic Requirements TRB/TRT TRC/TRN TRS/TTM TCS Corona Level (min.) 200 VRMS 375 VRMS 125 VRMS 250 VAC @ 70,000 ft. @ 70,000 ft. @ 70,000 ft. @ 50,000 ft. Rise Time Degradation (max.) 400 rs N/A 800 ps 800 ps Permeability of Nonmagnetic Material <2.0 mu except hermetic versions Hermetic Seal <1 x 10-8 cc/sec N/A <1 x 10-6 cc/sec N/A (Where Applicable) Connector Durability 500 cycles minimum @ 12 cycles per minute max. Temperature Range -65° to +165°C -65° to +165°C -65° to +200°C -65° to 125°C Force to Engage and Disengage Longitudinal (max.) 4 pounds 5 pounds 4 pounds 3 pounds Torque (max.) 2.5 inch-pounds 4 inch-pounds 2.5 inch-pounds 2.5 inch-pounds Center Contact Retention Axial Force (min.) Plug 6 pounds 6 pounds 4 pounds 6 pounds Jack 6 pounds 6 pounds 2 pounds 6 pounds Coupling Proof Torque (Threaded types only) 15 inch-pounds 15 inch-pounds 10 inch-pounds N/A Coupling Mechanism Retention Force 100 pounds 100 pounds 70 pounds 100 pounds (min.) Cable Retention Force (min.) 40 pounds 65 pounds 40 pounds 40 pounds .200-.325 inch .242-.419 inch .120-.215 inch .120-.180 inch cable OD cable OD cable OD cable OD Salt Spray (corrosion) 48 hrs minimum exposure (Standard nickel plating) 500 hrs minimum available (Call customer service for plating types). Standard for 450 Series. Moisture Resistance (10 cycles) Total 240 hour minimum exposure Thermal Shock (5 cycles) Total 5 hours 50 minutes min -65°C to +85°C -65°C to +125°C (No physical damage/Pass DWV) Specified Shock (sawtooth waveform, No discontinuity allowed. Velocity-change of shock pulse 10% of ideal value within peak - 50g’s, duration -11ms) Vibration, High-frequency (36 cycles) Total 12 hour minimum. No physical damage or loosening of parts. (15g peak, 10-2000 Hz-10Hz in 20 minutes) No discontinuity allowed. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |