| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PL75-7 bảng dữ liệu(PDF) 59 Page - Emerson Network Power |
|
|
|||||||||||||||||||||||||||||
PL75-7 bảng dữ liệu(HTML) 59 Page - Emerson Network Power |
|
59 / 100 page ![]() 57 Coax Terminations and RFI (Dust Caps) Trompeter provides termination and RFI cap for all our connectors. Resistors are normally ¼ watt for subminiature connectors and ½ watt for miniature and standard size connectors (1% tolerances for all). Ordering Instructions For Terminations Example: PL75 Termination for TRB jacks with 78Ω resistance and no chain. Order part number: TNG1-6-78-D3 Part number from list Chain options R-Resistance D Ring option (see below) For RFI Caps Example: Patch plug cap for a J74 twinax/triax jack with no chain. Order part number: RFI70-6-D3 Part number from list Chain options D Ring option (see below) Stainless Steel Rope with Mounting Rings We now provide stainless steel rope with “D” rings. To order mounting ring for jacks with the “D” mounting hole numbers listed on the right, add the “D” ring number to the part number. For Example: RFI20-12-D2 Notes: (3) See Chain options. “U: Designates 75 ohm version available. “R” Resistance. If you cannot find the RFI cap or termination, contact customer service. Coax Terminations & RFI Caps D Ring Options Patching Products / Coax RFI Caps & Terminations Chain Options Length Chain Type Chain Numbers N/A No Chain -1 3.0" Brass Chain -4 6.0" Brass Chain -6 10.0" Brass Chain -10 Stainless-steel rope 3.0" Jacketed Stainless-steel rope -13 6.0" Jacketed Stainless-steel rope -14 Inside Diameter D- Ring# Inside Diameter D- Ring# .755" -D1 .281" -D7 .630”-.635” -D2 .610” -D8 .505”-.510” -D3 .567” -D9 .439”-.443” -D4 .380”-.384” -D5 Parts to be capped Description Terminator RFI (Dust Caps) BJ20/CJ20 Series BNC, Jack (U)TNASP1-(3)-R (Push on) RFI25-(3) BJ20/CJ20 Series BNC, Jack (U)TNAS1-(3)-R (Short) RFI25-(3) BJ20/CJ20 Series BNC, Jack (U)TNA1-(3)-R RFI25-(3) BJ20/CJ20 BNC, Jack (U)TNAP1-(3)-R RFI25-(3) BJ40/CJ40 Series TNC, Jack (U)TNH1-(3)-R RFI45-(3) BJ50/CJ50 Series TPS, Jack TNB1-(3)-R (Push on) RFI55-(3) BJ50FL Series TPS, Jack TNBP1-(3)-R (Push on) RFI55FL-(3) BJ50/BJ350 TPS/TCM, Jack TNBP1-(3)-R (Push on) RFI355-(3) BJ95 N, Jack (U)TNN1-(3)-R RFI95-(3) BJ130 F, Jack TNF1-(3)-R RFI130-(3) J3 RCA, Patch Jack TP-(3)-R RFI20-(3) J3W WECo Patch Jack TPW-(3)-R RFI20-(3) J8 Mini-WECo Coax Patch Jack TPM-(3)-R RFI50-(3) J11 Mini-WECo Patch Jack TPMW-(3)-R RFI150-(3) J94 (90 Series) Patch Jack TNP1-(3)-R RFI94-(3) J94 (90 Series) Patch Jack TPP-(3)-50 (Push-on) RFI94-(3) PL20 Series BNC, Plug (U)TNAF1-(3)-R RFI21-(3) PL50 TPS, Plug RFI57-(3) PL220 Series BNC, Plug (U)TNAF1-(3)-R RFI21-(3) PL40 Series TNC, Plug (U)TNHF1-(3)-R RFI41-(3) PL95 N, Plug (U)TNNBJ1-(3)-R (Bulkhead Mount) RFI97-(3)/ RFIS97-(3)Safety wire |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |