công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

VBO36 bảng dữ liệu(PDF) 1 Page - IXYS Corporation

tên linh kiện VBO36
Giải thích chi tiết về linh kiện  Single Phase Rectifier Bridge
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IXYS [IXYS Corporation]
Trang chủ  http://www.ixys.com
Logo IXYS - IXYS Corporation

VBO36 bảng dữ liệu(HTML) 1 Page - IXYS Corporation

  VBO36 Datasheet HTML 1Page - IXYS Corporation VBO36 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© IXYS All rights reserved
1 - 2
20100706b
VBO 36
IXYS reserves the right to change limits, test conditions and dimensions.
I
dAV
=
30 A
V
RRM = 800-1800 V
Single Phase Rectifier Bridge
Features
• Package with ¼" fast-on terminals
• Isolation voltage 3000 V~
• Planar passivated chips
• Blocking voltage up to 1800 V
• Low forward voltage drop
• UL registered E 72873
Applications
• Supplies for DC power equipment
• Input rectifiers for PWM inverter
• Battery DC power supplies
• Field supply for DC motors
Advantages
• Easy to mount with one screw
• Space and weight savings
• Improved temperature & power cycling
Symbol
Conditions
Maximum Ratings
I
dAV
I
dAVM
T
C = 85°C, module
T
C = 62°C, module
25
30
A
A
I
FSM
T
VJ = 45°C;
t = 10 ms
(50 Hz)
V
R = 0
t = 8.3 ms (60 Hz)
550
600
A
A
T
VJ = TVJM;
t = 10 ms
(50 Hz)
V
R = 0
t = 8.3 ms (60 Hz)
500
550
A
A
I2t
T
VJ = 45°C;
t = 10 ms
(50 Hz)
V
R = 0
t = 8.3 ms (60 Hz)
1520
1520
A2s
A2s
T
VJ = TVJM;
t = 10 ms
(50 Hz)
V
R = 0
t = 8.3 ms (60 Hz)
1250
1250
A2s
A2s
T
VJ
T
VJM
T
stg
-40...+150
150
-40...+150
°C
°C
°C
V
ISOL
50/60 Hz, RMS
t = 1 min
I
ISOL < 1 mA
t = 1 s
2500
3000
V~
V~
M
d
Mounting torque (M5)
(10-32 UNF)
2 ±10%
18 ±10%
Nm
lb.in.
Weight
Typ.
22
g
V
RSM
V
RRM
Type
V
V
900
800
VBO 36-08NO8
1300
1200
VBO 36-12NO8
1700
1600
VBO 36-16NO8
1900
1800
VBO 36-18NO8
Symbol
Conditions
Characteristic Values
I
R
V
R = VRRM
T
VJ = 25°C
T
VJ = TVJM
0.3
2.0
mA
mA
V
F
I
F = 150 A
T
VJ = 25°C
1.7
V
V
T0
r
t
For power-loss calculations only
0.8
5.8
V
m
W
R
thJC
R
thJH
per diode; 120° el.
per module
per diode; 120° el.
per module
6.20
1.55
7.40
1.85
K/W
K/W
K/W
K/W
d
S
d
A
a
Creeping distance on surface
Creepage distance in air
Max. allowable acceleration
12.7
9.4
50
mm
mm
m/s2
Data according to IEC 60747 and refer to a single diode unless otherwise stated.
+
~
~
-
+
-
~
~
Dimensions in mm (1 mm = 0.0394“)
6.3 x 0.8
A
B
D
E


Số phần tương tự - VBO36

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
IXYS Corporation
VBO36 IXYS-VBO36 Datasheet
298Kb / 2P
Three Phase Rectifier Bridge
VBO36-08NO8 IXYS-VBO36-08NO8 Datasheet
298Kb / 2P
Three Phase Rectifier Bridge
VBO36-12NO8 IXYS-VBO36-12NO8 Datasheet
298Kb / 2P
Three Phase Rectifier Bridge
VBO36-16NO8 IXYS-VBO36-16NO8 Datasheet
305Kb / 2P
Single Phase Rectifier Bridge
More results

Mô tả tương tự - VBO36

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
General Semiconductor
KBU4A GE-KBU4A Datasheet
83Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436 Datasheet
111Kb / 3P
Single Phase Bridge Rectifier
logo
IXYS Corporation
VBO25 IXYS-VBO25 Datasheet
87Kb / 2P
Single Phase Rectifier Bridge
VBO13 IXYS-VBO13 Datasheet
84Kb / 2P
Single Phase Rectifier Bridge
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Solid States Devices, I...
SDA276A SSDI-SDA276A Datasheet
80Kb / 2P
SINGLE PHASE BRIDGE RECTIFIER
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436_07 Datasheet
117Kb / 2P
Single Phase Bridge Rectifier
logo
Naina Semiconductor ltd...
25MB NAINA-25MB Datasheet
105Kb / 2P
Single Phase Bridge Rectifier
logo
Diotec Semiconductor
KBPC1500FW DIOTEC-KBPC1500FW_18 Datasheet
392Kb / 2P
Single Phase Bridge Rectifier
logo
IXYS Corporation
VBO20 IXYS-VBO20 Datasheet
185Kb / 2P
Single Phase Rectifier Bridge
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com