| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EPC2 bảng dữ liệu(PDF) 20 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
EPC2 bảng dữ liệu(HTML) 20 Page - Altera Corporation |
|
20 / 26 page ![]() Page 20 Operating Conditions Configuration Devices for SRAM-Based LUT Devices January 2012 Altera Corporation Table 15. EPC1064, EPC1064V, and EPC1213 Devices ICC Supply Current Values Symbol Parameter Conditions Min Typ Max Unit ICC0 VCC supply current (standby) — — 100 200 A ICC1 VCC supply current (during configuration) — — 10 50 mA Table 16. EPC2 Device Values Symbol Parameter Conditions Min Typ Max Unit ICC0 VCC supply current (standby) VCC = 5.0 V or 3.3 V — 50 100 µA ICC1 VCC supply current (during configuration) VCC = 5.0 V or 3.3 V — 18 50 mA RCONF Configuration pins Internal pull up (OE, nCS, nINIT _CONF) —1 — k Table 17. EPC1 Device ICC Supply Current Values Symbol Parameter Conditions Min Typ Max Unit ICC0 VCC supply current (standby) — — 50 100 µA ICC1 VCC supply current (during configuration) VCC = 5.0 V — 30 50 mA VCC = 3.3 V — 10 16.5 mA Table 18. EPC1441 Device ICC Supply Current Values Symbol Parameter Conditions Min Typ Max Unit ICC0 VCC supply current (standby) — — 30 60 µA ICC1 VCC supply current (during configuration) VCC = 5.0 V — 15 30 mA ICC1 VCC supply current (during configuration) VCC = 3.3 V — 5 10 mA Table 19. Capacitance (7) Symbol Parameter Conditions Min Max Unit CIN Input pin capacitance VIN = 0 V, f = 1.0 MHz — 10 pF COUT Output pin capacitance VOUT = 0 V, f = 1.0 MHz — 10 pF Notes to Table 12 through Table 19: (1) For more information, refer to the Operating Requirements for Altera Devices Datasheet. (2) The minimum DC input is -0.3 V. During transitions, the inputs may undershoot to -2.0 V or overshoot to 7.0 V for input currents less than 100 mA and periods shorter than 20 ns under no-load conditions. (3) Numbers in parentheses are for industrial temperature range devices. (4) Maximum VCC rise time is 100 ms. (5) Certain EPC2 device pins are driven to 5.75 V when operated with a 3.3-V VCC. For more information, refer to Table 4 on page 11. (6) The IOH parameter refers to high-level TTL or CMOS output current and the IOL parameter refers to low-level TTL or CMOS output current. (7) Capacitance is sample tested only. |
|
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |