| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EPC2 bảng dữ liệu(PDF) 11 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
EPC2 bảng dữ liệu(HTML) 11 Page - Altera Corporation |
|
11 / 26 page ![]() Power and Operation Page 11 Configuration Devices for SRAM-Based LUT Devices January 2012 Altera Corporation Table 3 lists the relationship between the VCC and VPP voltage levels and the required logic level for VCCSEL and VPPSEL pins. A high logic level means the pin should be connected to VCC, while a low logic level means the pin should be connected to GND. At a 3.3-V operation, all EPC2 inputs are 5.0-V tolerant, except for DATA, DCLK, and nCASC pins. The DATA and DCLK pins are used only to interface between the EPC2 device and the FPGA it is configuring. Table 4 lists the voltage tolerences of all EPC2 device pins. If one EPC1, EPC2, or EPC1441 configuration device is powered at 3.3 V, the nSTATUS and CONF_DONE pull-up resistors must be connected to 3.3 V. If these configuration devices are powered at 5.0 V, the nSTATUS and CONF_DONE pull-up resistors can be connected to either 3.3 V or 5.0 V. Table 3. VCCSEL and VPPSEL Pin Functions on the EPC2 Device VCC Voltage Level (V) VPP Voltage Level (V) VCCSEL Pin Logic Level VPPSEL Pin Logic Level 3.3 3.3 High High 3.3 5.0 High Low 5.0 5.0 Low Low Table 4. EPC2 Device Input and Bidirectional Pin Voltage Tolerance Pin 5.0-V Operation 3.3-V Operation 5.0-V Tolerant 3.3-V Tolerant 5.0-V Tolerant 3.3-V Tolerant DATA vv — v DCLK vv — v nCASC vv — v OE vvvv nCS vvvv VCCSEL vvvv VPPSEL vvvv nINIT_CONF vvvv TDI vvvv TMS vvvv TCK vvvv |
|
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |