công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC2104P bảng dữ liệu(PDF) 8 Page - Motorola, Inc

tên linh kiện MPC2104P
Giải thích chi tiết về linh kiện  256KB/512KB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC2104P bảng dữ liệu(HTML) 8 Page - Motorola, Inc

Back Button MPC2104P Datasheet HTML 4Page - Motorola, Inc MPC2104P Datasheet HTML 5Page - Motorola, Inc MPC2104P Datasheet HTML 6Page - Motorola, Inc MPC2104P Datasheet HTML 7Page - Motorola, Inc MPC2104P Datasheet HTML 8Page - Motorola, Inc MPC2104P Datasheet HTML 9Page - Motorola, Inc MPC2104P Datasheet HTML 10Page - Motorola, Inc MPC2104P Datasheet HTML 11Page - Motorola, Inc MPC2104P Datasheet HTML 12Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
MPC2104P
•MPC2105P
8
MOTOROLA FAST SRAM
DATA RAMs AC OPERATING CONDITIONS AND CHARACTERISTICS
(VCC = 5.0 V ± 5%, VDD = 3.3 V + 10%, – 5%, TA = 0 to + 70°C, Unless Otherwise Noted)
Input Timing Measurement Reference Level
1.5 V
. . . . . . . . . . . . . . .
Input Pulse Levels
0 to 3.0 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Rise/Fall Time
3 ns
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output Timing Reference Level
1.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . .
Output Load
See Figure 1a Unless Otherwise Noted
. . . . . . . . . . . . .
SYNCHRONOUS DATA RAMs READ/WRITE CYCLE TIMING (See Notes 1 and 2)
P
Sb l
MPC2104P/5P
Ui
N
Parameter
Symbol
Min
Max
Unit
Notes
Cycle Time
tKHKH
15
—
ns
Clock Access Time
tKHQV
—
8
ns
3
Output Enable to Output Valid
tGLQV
—
6
ns
Clock High to Output Active
tKHQX1
0
—
ns
Clock High to Output Change
tKHQX2
2
—
ns
Output Enable to Output Active
tGLQX
0
—
ns
Output Disable to Q High–Z
tGHQZ
—
8
ns
Clock High to Q High–Z
tKHQZ
2
8
ns
Clock High Pulse Width
tKHKL
5
—
ns
Clock Low Pulse Width
tKLKH
5
—
ns
Setup Times:
Address
Address Status
Data In
Write
Address Advance
Chip Enable
tAVKH
tSVKH
tDVKH
tWVKH
tBAVVKH
tEVKH
2.5
—
ns
4
Hold Times:
Address
Address Status
Data In
Write
Address Advance
Chip Enable
tKHAX
tKHTSX
tKHDX
tKHWX
tKHBAX
tKHEX
0.5
—
ns
4
NOTES:
1. All read and write cycle timings are referenced from CLK or CG0.
2. CG is a don’t care when CWEx is sampled low.
3. Maximum access times are guaranteed for all possible PowerPC external bus cycles.
4. This is a synchronous device. All addresses must meet the specified setup and hold times for
ALL rising edges of CLK whenever ADS0
is low, and the chip is selected. All other synchronous inputs must meet the specified setup and hold times for
ALL rising edges of
CLK when the chip is enabled. Chip enable must be valid at each rising edge of clock for the device (when ADS0 is low) to remain enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com